Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB500V-40_X Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # RB500V-40_X
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB500V-40_X Datasheet(HTML) 4 Page - Pan Jit International Inc.

  RB500V-40_X Datasheet HTML 1Page - Pan Jit International Inc. RB500V-40_X Datasheet HTML 2Page - Pan Jit International Inc. RB500V-40_X Datasheet HTML 3Page - Pan Jit International Inc. RB500V-40_X Datasheet HTML 4Page - Pan Jit International Inc. RB500V-40_X Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
1N4148W-AU
March 20,2012-REV.02
Part No_packing code_Version
1N4148W-AU_R1_000A1
For example :
RB500V-40_R2_00001
1N4148W-AU_R2_000A1
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing
type
1st Code
Packing
size code
2nd Code
HF or RoHS 1st Code
2nd~5th Code
T/B
A
N/A
0
HF
0
serial number
T/R
R
7"
1
RoHS
1
serial number
B/P
B
13"
2
T/P
T
26mm
X
TRR
S
52mm
Y
TRL
L
PBCU
U
FORMING
F
PBCD
D


Similar Part No. - RB500V-40_X

ManufacturerPart #DatasheetDescription
logo
Rohm
RB500V-40TE-17 ROHM-RB500V-40TE-17 Datasheet
114Kb / 4P
   Shottky barrier diode
RB500V-40 ROHM-RB500V-40_1 Datasheet
143Kb / 4P
   Shottky barrier diode
logo
Micro Commercial Compon...
RB500V-40 MCC-RB500V-40_13 Datasheet
181Kb / 3P
   0.1 Amp Schottky Barrier Rectifier 40 Volts
logo
Taiwan Semiconductor Co...
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
logo
Pan Jit International I...
RB500V-40 PANJIT-RB500V-40_16 Datasheet
238Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - RB500V-40_X

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com