Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1A-H Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G2R-1A-H
Description  The Best Seller G2R
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1A-H Datasheet(HTML) 4 Page - Omron Electronics LLC

  G2R-1A-H Datasheet HTML 1Page - Omron Electronics LLC G2R-1A-H Datasheet HTML 2Page - Omron Electronics LLC G2R-1A-H Datasheet HTML 3Page - Omron Electronics LLC G2R-1A-H Datasheet HTML 4Page - Omron Electronics LLC G2R-1A-H Datasheet HTML 5Page - Omron Electronics LLC G2R-1A-H Datasheet HTML 6Page - Omron Electronics LLC G2R-1A-H Datasheet HTML 7Page - Omron Electronics LLC G2R-1A-H Datasheet HTML 8Page - Omron Electronics LLC G2R-1A-H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
G2R
PCB Power Relay
G
2
R
■Ratings
● Coil
Note 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of+15%/-20% (AC rated current) or ±10% (DC coil resistance).
2. AC coil resistances shown above are only reference values.
3. The operating characteristics are measured at a coil temperature of 23°C.
4. The “Max. voltage” is the maximum voltage that can be applied to the relay coil.
● Coil: Double-winding Latching Relays
Note 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23°C.
3. The “Max. voltage” is the maximum voltage that can be applied to the relay coil.
Classification
Item
Rated current (mA)
Coil resistance
(
Ω)
Must operate
voltage (V)
Must release
voltage (V)
Max. voltage
(V)
Power
consumption
(VA, W)
Rated voltage
50 Hz
60 Hz
% of rated voltage
• General-purpose
• Quick-connect
• Fully sealed
• High-capacity
12 VAC
93
75
65
80% max.
30% min.
140%
(at 23°C)
Approx. 0.9
(60 Hz)
24 VAC
46.5
37.5
260
100/(110) VAC
11
9/(10.6)
4,600
200/(220) VAC
5.5
4.5/(5.3)
20,200
• General-purpose
• High-capacity
• Bifurcated contact
• Quick-connect
• Fully sealed
5 VDC
106
47
70% max.
15% min.
170%
(at 23°C)
Approx. 0.53
6 VDC
88.2
68
12 VDC
43.6
275
24 VDC
21.8
1,100
48 VDC
11.5
4,170
100 VDC
5.3
18,860
• High-sensitivity
5 VDC
71.4
70
70% max.
15% min.
170%
(at 23°C)
Approx. 0.36
6 VDC
60
100
12 VDC
30
400
24 VDC
15
1,600
48 VDC
7.5
6,400
Item
Set Coil
Reset coil
Must set
voltage (V)
Must reset
voltage (V)
Max. voltage
(V)
Power consumption
Rated voltage
Rated current
(mA)
Coil resistance
(
Ω)
Rated current
(mA)
Coil resistance
(
Ω)
% of rated voltage
Set Coil
(mW)
Reset coil
(mW)
5 VDC
167
30
119
42
70% max.
70% max.
140%
(at 23°C)
Approx.
850
Approx.
600
6 VDC
138
43.5
100
60
12 VDC
70.6
170
50
240
24 VDC
34.6
694
25
960


Similar Part No. - G2R-1A-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A-H OMRON-G2R-1A-H Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1A-H OMRON-G2R-1A-H Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-H OMRON-G2R-1A-H Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1A-H OMRON-G2R-1A-H Datasheet
656Kb / 12P
   Power PCB Relay
G2R-1A-H OMRON-G2R-1A-H Datasheet
2Mb / 14P
   The Best Seller G2R
More results

Similar Description - G2R-1A-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-3V PANASONIC-TX2-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com