Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-2-H Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G2R-2-H
Description  The Best Seller G2R
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-2-H Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G2R-2-H Datasheet HTML 3Page - Omron Electronics LLC G2R-2-H Datasheet HTML 4Page - Omron Electronics LLC G2R-2-H Datasheet HTML 5Page - Omron Electronics LLC G2R-2-H Datasheet HTML 6Page - Omron Electronics LLC G2R-2-H Datasheet HTML 7Page - Omron Electronics LLC G2R-2-H Datasheet HTML 8Page - Omron Electronics LLC G2R-2-H Datasheet HTML 9Page - Omron Electronics LLC G2R-2-H Datasheet HTML 10Page - Omron Electronics LLC G2R-2-H Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
G2R
PCB Power Relay
G
2
R
G2RK-1A, G2RK-1
G2RK-2A, G2RK-2
G2R-14, G2R-1A4
G2R-24, G2R-2A4
G2R-1Z4, G2R-1AZ4
● Durability
G2R-1, G2R-1A, G2R-1-T, G2R-1A-T
G2R-1-E, G2R-1A-E
G2R-1Z, G2R-1AZ
G2R-1-H, G2R-1A-H, G2R-2, G2R-2A
G2R-2-H, G2R-2A-H
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
AC
inductive load
(cos
φ = 0.4)
Switching voltage (V)
50
10
5
3
1
0.5
0.1
0
5
10
20 30 50
100
500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Fully Sealed Relays
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
300 500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
300 500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
300 500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Flux Protection/Plug-in Relays
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
2
4
5
6
7.5 8
10
12
14
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
2
4
6
8
10
12
14
16
18
250 VAC inductive load (cos
φ = 0.4)
30 VDC inductive load (L/R = 7ms)
250 VAC/30 VDC
resistive load
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
2
3
4
5
6
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
2
3
4
5
6
30 VDC inductive load (L/R = 7ms)
250 VAC/30 VDC
resistive load
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
1.5
2
3
4
250 VAC/30 VDC
resistive load
250 VAC inductive load
(cos
φ = 0.4)
30 VDC inductive load
(L/R = 7ms)


Similar Part No. - G2R-2-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-2-H OMRON-G2R-2-H Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-2-H OMRON-G2R-2-H Datasheet
562Kb / 14P
   Power PCB Relay
G2R-2-H OMRON-G2R-2-H Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-2-H OMRON-G2R-2-H Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-2-H OMRON-G2R-2-H Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-2-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-3V PANASONIC-TX2-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com