Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9SB Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G9SB
Description  Ultra Slim Safety Relay Unit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SB Datasheet(HTML) 3 Page - Omron Electronics LLC

  G9SB Datasheet HTML 1Page - Omron Electronics LLC G9SB Datasheet HTML 2Page - Omron Electronics LLC G9SB Datasheet HTML 3Page - Omron Electronics LLC G9SB Datasheet HTML 4Page - Omron Electronics LLC G9SB Datasheet HTML 5Page - Omron Electronics LLC G9SB Datasheet HTML 6Page - Omron Electronics LLC G9SB Datasheet HTML 7Page - Omron Electronics LLC G9SB Datasheet HTML 8Page - Omron Electronics LLC G9SB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
G9SB
Application Examples
G9SB-2002-A (24 VAC/VDC) or G9SB-3012-A (24 VAC/VDC) with 2-channel Limit Switch Input/
Auto-reset
Note: 1. External connections and timing charts for G9SB-200-B/301-B models are the same as those for G9SB-2002-A/3012-A models.
2. This circuit conforms to EN954-1 Safety Category 4.
G9SB-2002-C (24 VAC/VDC) or G9SB-3012-C (24 VAC/VDC) with 2-channel Emergency Stop
Switch Input/Manual Reset
Note: 1. External connections and timing charts for G9SB-200-D/301-D models are the same as those for G9SB-2002-C/3012-C models.
2. This circuit conforms to EN954-1 Safety Category 4.
KM1
KM2
M
11
KM1
KM2
12
23
24
S2
S1
KM1 KM2
K1
K2
K1
K1
K2
K2
K1
a
a
+
-
K2
TH
SA
A1 A2 T11
T12
T31
T32
13
23
33
41
14
24
34
42
T21
T22
**
**
Feedback loop
Control
circuit
Timing Chart
Limit switches S1 and S2
K1 and K2 (NC)
K1 and K2 (NO)
KM1 and KM2 (NC)
KM1 and KM2 (NO)
S1:
Safety limit switch with direct
opening mechanism (NC)
(D4B-N, D4N, D4F)
S2:
Limit switch (NO)
KM1 and KM2:
Magnetic Contactor
M:
3-phase motor
Note: Only the G9SB-3012-A
model has terminals 33-34
and 41-42.
Open
See note.
KM1
KM2
M
S2
KM1
KM2
21
22
S1
11
12
KM1 KM2
K1
K2
K1
K1
K2
K2
K1
a
a
+
-
K2
TH
SA
A1 A2 T11
T12
T31
T32
13
23
33
41
14
24
34
42
T21
T22
**
**
Feedback loop
Control
circuit
Timing Chart
Emergency stop switch S1
Reset switch S2
K1 and K2 (NC)
K1 and K2 (NO)
KM1 and
KM2 (NC)
KM1 and
KM2 (NO)
Note: Output turns ON with the ris-
ing edge of reset switch S2,
but will not operate if there is
a short breakdown in S2.
S1:
Emergency stop switch with
direct opening mechanism
(A165E, A22E)
S2:
Reset switch
KM1 and KM2:
Magnetic Contactor
M:
3-phase motor
Note: Only the G9SB-3012-C model
has terminals 33-34 and 41-
42.
See note.
http://www.ia.omron.com/
3
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - G9SB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB-200-B OMRON-G9SB-200-B Datasheet
1Mb / 8P
   Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
1Mb / 8P
   Safety Relay Unit
G9SB-200-D OMRON-G9SB-200-D Datasheet
1Mb / 98P
   Safety Light Curtain Type 4
March 2010
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
1Mb / 8P
   Safety Relay Unit
G9SB-2002-C OMRON-G9SB-2002-C Datasheet
1Mb / 8P
   Safety Relay Unit
More results

Similar Description - G9SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SFS6-PS PANASONIC-SFS6-PS Datasheet
2Mb / 9P
   Slim compact safety relay
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
   Safety Relay Unit
logo
Picker Components
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458 Datasheet
187Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
   Ultra Slim Inline Relay
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC563 PICKER-PC563 Datasheet
167Kb / 2P
   Ultra Slim 5 Amp Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com