Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

242351B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 242351B
Description  Bandpass Filter 242351B
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

242351B Datasheet(HTML) 2 Page - Integrated Technology Future

  242351B Datasheet HTML 1Page - Integrated Technology Future 242351B Datasheet HTML 2Page - Integrated Technology Future 242351B Datasheet HTML 3Page - Integrated Technology Future 242351B Datasheet HTML 4Page - Integrated Technology Future 242351B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bandpass Filter 242351B
Part No.
242351B
Rev. Date
2007-09-06
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ7014-CS01
2/5
3. Specifications
Fo = 80.0 MHz
Terminating source impedance
: 50Ω and matching network
Terminating load impedance
: 50Ω and matching network
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration
3)
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances
4)
All attenuation measurements are measured relative to insertion loss
Room temperature range : +25℃
Minimum
Typical
Maximum
Center Frequency (Fc)
MHz
-
80.0
-
Insertion Loss
dB
-
13.0
15.0
1dB Bandwidth
MHz
21.8
22.0
-
3dB Bandwidth
MHz
-
23.0
-
40dB Bandwidth
MHz
-
27.3
28.5
Amplitude Ripple (Fo +/- 10.0 MHz)
dB
-
0.4
1.0
Group Delay Variation (Fo +/- 10.0 MHz)
nsec
-
20
60
Absolute Delay
usec
-
0.81
-
Ultimate Rejection
dB
40
45
-
Temperature Coefficient of Frequency
ppm/°C
-
- 86
-


Similar Part No. - 242351B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
242352B ITF-242352B Datasheet
170Kb / 2P
   Typical 1dB Bandwidth of 22.2MHz
More results

Similar Description - 242351B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com