Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18BB121SN1 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # BLM18BB121SN1
Description  SMD/BLOCK Type EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18BB121SN1 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  BLM18BB121SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
15
0
300
600
900
1200
1
10
100
1000
Frequency (MHz)
BLM18BD601SN1
BLM18AG601SN1
0
300
600
900
1200
1
10
100
1000
Frequency (MHz)
BLM18AG601SN1
BLM18BD601SN1
29.7cm
25MHz
OSC
74HC04
74HC04
74HC00
Difference between BLM A type and B type (HG type vs HD/HB type)
A type: Impedance curve rises from low frequency range. Suppress noise in wide frequency range.
B type: Impedance curve rises sharply. Less damage to signal waveforms.
cComparison of Impedance Curve
cComparison of Resistance Element
cComparison of Test Effect (25MHz)
Test Circuit
Waveform test point
1cm
Ferrite Bead
Pattern width 0.15cm
Line impedance 127
Both side glass epoxy PCB(
ε4.7)
All of back side is GND PCB thickness=0.6mm
BLM_B Series has less damage to high speed signal waveform.
Spectrum has been reduced from low
frequency range.
Noise frequency has been reduced without
reducing signals of low frequency.
Waveform
Spectrum
No filter
BLM18AG601SN1
BLM18BD601SN1 Small Distortion
BLp Series Introduction


Similar Part No. - BLM18BB121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results

Similar Description - BLM18BB121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com