Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT42GR7CMR4C-H9 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HMT42GR7CMR4C-H9
Description  DDR3 SDRAM Registered DIMM Based on 2Gb C-die
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT42GR7CMR4C-H9 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HMT42GR7CMR4C-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT42GR7CMR4C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT42GR7CMR4C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT42GR7CMR4C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT42GR7CMR4C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT42GR7CMR4C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT42GR7CMR4C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT42GR7CMR4C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT42GR7CMR4C-H9 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
Rev. 1.0 / Jul. 2012
6
Input/Output Functional Descriptions
Symbol
Type
Polarity
Function
CK0
IN
Positive
Line
Positive line of the differential pair of system clock inputs that drives input to the on-
DIMM Clock Driver.
CK0
IN
Negative
Line
Negative line of the differential pair of system clock inputs that drives the input to the
on-DIMM Clock Driver.
CK1
IN
Positive
Line
Terminated but not used on RDIMMs.
CK1
IN
Negative
Line
Terminated but not used on RDIMMs.
CKE[1:0]
IN
Active
High
CKE HIGH activates, and CKE LOW deactivates internal clock signals, and device input
buffers and output drivers of the SDRAMs. Taking CKE LOW provides PRECHARGE
POWER-DOWN and SELF REFRESH operation (all banks idle), or ACTIVE POWER DOWN
(row ACTIVE in any bank)
S[3:0]
IN
Active
Low
Enables the command decoders for the associated rank of SDRAM when low and dis-
ables decoders when high. When decoders are disabled, new commands are ignored
and previous operations continue. Other combinations of these input signals perform
unique functions, including disabling all outputs (except CKE and ODT) of the register(s)
on the DIMM or accessing internal control words in the register device(s). For modules
with two registers, S[3:2] operate similarly to S[1:0] for the second set of register out-
puts or register control words.
ODT[1:0]
IN
Active
High
On-Die Termination control signals
RAS, CAS, WE
IN
Active
Low
When sampled at the positive rising edge of the clock, CAS, RAS, and WE define the
operation to be executed by the SDRAM.
VREFDQ
Supply
Reference voltage for DQ0-DQ63 and CB0-CB7.
VREFCA
Supply
Reference voltage for A0-A15, BA0-BA2, RAS, CAS, WE, S0, S1, CKE0, CKE1, Par_In,
ODT0 and ODT1.
BA[2:0]
IN
Selects which SDRAM bank of eight is activated.
BA0 - BA2 define to which bank an Active, Read, Write or Precharge command is being
applied. Bank address also determines mode register is to be accessed during an MRS
cycle.
A[15:13,
12/BC,11,
10/AP,[9:0]
IN
Provided the row address for Active commands and the column address
and Auto Precharge bit for Read/Write commands to select one location out of the mem-
ory array in the respective bank. A10 is sampled during a Precharge command to deter-
mine whether the Precharge applies to one bank (A10 LOW) or all banks (A10 HIGH). If
only one bank is to be precharged, the bank is selected by BA. A12 is also utilized for BL
4/8 identification for ‘’BL on the fly’’ during CAS command. The address inputs also pro-
vide the op-code during Mode Register Set commands.
DQ[63:0],
CB[7:0]
I/O
Data and Check Bit Input/Output pins
DM[8:0]
IN
Active
High
Masks write data when high, issued concurrently with input data.
VDD, VSS
Supply
Power and ground for the DDR SDRAM input buffers and core logic.
VTT
Supply
Termination Voltage for Address/Command/Control/Clock nets.


Similar Part No. - HMT42GR7CMR4C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT42GR7CMR4A HYNIX-HMT42GR7CMR4A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT42GR7CMR4A-G7 HYNIX-HMT42GR7CMR4A-G7 Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT42GR7CMR4A-H9 HYNIX-HMT42GR7CMR4A-H9 Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
More results

Similar Description - HMT42GR7CMR4C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT325R7CFR8A HYNIX-HMT325R7CFR8A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT325V7CFR8A HYNIX-HMT325V7CFR8A Datasheet
1Mb / 68P
   DDR3L SDRAM VLP Registered DIMM Based on 2Gb C-die
logo
Samsung semiconductor
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
logo
Hynix Semiconductor
HMT325R7EFR8A HYNIX-HMT325R7EFR8A Datasheet
1Mb / 70P
   DDR3L SDRAM Registered DIMM Based on 2Gb E-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ20RE4BAFA ELPIDA-EBJ20RE4BAFA Datasheet
229Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com