Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJL6012DPE-00J3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJL6012DPE-00J3
Description  600V - 10A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJL6012DPE-00J3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJL6012DPE-00J3 Datasheet HTML 1Page - Renesas Technology Corp RJL6012DPE-00J3 Datasheet HTML 2Page - Renesas Technology Corp RJL6012DPE-00J3 Datasheet HTML 3Page - Renesas Technology Corp RJL6012DPE-00J3 Datasheet HTML 4Page - Renesas Technology Corp RJL6012DPE-00J3 Datasheet HTML 5Page - Renesas Technology Corp RJL6012DPE-00J3 Datasheet HTML 6Page - Renesas Technology Corp RJL6012DPE-00J3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJL6012DPE
Preliminary
R07DS0814EJ0200 Rev.2.00
Page 5 of 6
Jun 21, 2012
Vin Monitor
D.U.T.
Vin
10 V
RL
VDD
= 300 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
10
Ω
90%
10%
tf
Switching Time Test Circuit
Waveform
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
3
1
0.3
0.1
0.03
0.01
10
μ
100
μ
1 m
10 m
100 m
1
10
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
θch c(t) = γs (t) • θch c
θch c = 1.25°C/ W, Tc = 25°C


Similar Part No. - RJL6012DPE-00J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJL6012DPE-00-J3 RENESAS-RJL6012DPE-00-J3 Datasheet
171Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJL6012DPE-00J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_15 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6012DPP-A0 RENESAS-RJK6012DPP-A0 Datasheet
156Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
Nov.15.2019
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK60S2DPD RENESAS-RJK60S2DPD Datasheet
97Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0_13 Datasheet
104Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0_15 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJK5035DPP-A0 RENESAS-RJK5035DPP-A0 Datasheet
170Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
Mar.10.2021
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com