Electronic Components Datasheet Search |
|
0805WA101MA19A Datasheet(PDF) 1 Page - AVX Corporation |
|
0805WA101MA19A Datasheet(HTML) 1 Page - AVX Corporation |
1 / 2 page 87 Notes: Capacitors with X7R dielectrics are not intended for applications across AC supply mains or AC line filtering with polarity reversal. Contact plant for recommendations. Contact factory for availability of Termination and Tolerance options for Specific Part Numbers. ** The 3640 Style is not available on 7" Reels. *** AVX offers nonstandard chip sizes. Contact factory for details. High Voltage MLC Chips For 600V to 5000V Applications HOW TO ORDER SIZE 0805 1206 1210* 1808* 1812* 1825* 2220* 2225* 3640* (L) Length 2.01 ± 0.20 3.20 ± 0.20 3.20 ± 0.20 4.57 ± 0.25 4.50 ± 0.30 4.50 ± 0.30 5.70 ± 0.40 5.72 ± 0.25 9.14 ± 0.25 (0.079 ± 0.008) (0.126 ± 0.008) (0.126 ± 0.008) (0.180 ± 0.010) (0.177 ± 0.012) (0.177 ± 0.012) (0.224 ± 0.016) (0.225 ± 0.010) (0.360 ± 0.010) (W) Width 1.25 ± 0.20 1.60 ± 0.20 2.50 ± 0.20 2.03 ± 0.25 3.20 ± 0.20 6.40 ± 0.30 5.00 ± 0.40 6.35 ± 0.25 10.2 ± 0.25 (0.049 ±0.008) (0.063 ± 0.008) (0.098 ± 0.008) (0.080 ± 0.010) (0.126 ± 0.008) (0.252 ± 0.012) (0.197 ± 0.016) (0.250 ± 0.010) (0.400 ± 0.010) (T) Thickness 1.30 1.52 1.70 2.03 2.54 2.54 3.30 2.54 2.54 Max. (0.051) (0.060) (0.067) (0.080) (0.100) (0.100) (0.130) (0.100) (0.100) (t) terminal min. 0.50 ± 0.25 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) 0.76 (0.030) max. (0.020 ± 0.010) 0.75 (0.030) 0.75 (0.030) 1.02 (0.040) 1.02 (0.040) 1.02 (0.040) 1.02 (0.040) 1.02 (0.040) 1.52 (0.060) High value, low leakage and small size are difficult parameters to obtain in capacitors for high voltage systems. AVX special high voltage MLC chip capacitors meet these performance characteristics and are designed for applications such as snubbers in high frequency power converters, resonators in SMPS, and high voltage coupling/dc blocking. These high voltage chip designs exhibit low ESRs at high frequencies. Larger physical sizes than normally encountered chips are used to make high voltage MLC chip products. Special precautions must be taken in applying these chips in surface mount assemblies. The temperature gradient during heating or cooling cycles should not exceed 4ºC per second. The preheat temperature must be within 50ºC of the peak tem- perature reached by the ceramic bodies through the soldering process. Chip sizes 1210 and larger should be reflow soldered only. Capacitors may require protective surface coating to prevent external arcing. For 1825, 2225 and 3640 sizes, AVX offers leaded version in either thru-hole or SMT configurations (for details see section on high voltage leaded MLC chips). *Reflow Soldering Only W L T t 1808 AVX Style 0805 1206 1210 1808 1812 1825 2220 2225 3640 *** A Voltage 600V/630V = C 1000V = A 1500V = S 2000V = G 2500V = W 3000V = H 4000V = J 5000V = K A Temperature Coefficient C0G = A X7R = C 271 Capacitance Code (2 significant digits + no. of zeros) Examples: 10 pF = 100 100 pF = 101 1,000 pF = 102 22,000 pF = 223 220,000 pF = 224 1 μF = 105 K Capacitance Tolerance C0G:J = ±5% K = ±10% M = ±20% X7R:K = ±10% M = ±20% Z = +80%, -20% A Test Level A = Standard 1 Termination* 1 = Pd/Ag T = Plated Ni and Sn (RoHS Compliant) 1 Packaging 1 = 7" Reel** 3 = 13" Reel 9 = Bulk A Special Code A = Standard *Note: Terminations with 5% minimum lead (Pb) is available, see pages 89 and 90 for LD style. Leaded terminations are available, see pages 93 and 94. NEW 630V RANGE DIMENSIONS millimeters (inches) |
Similar Part No. - 0805WA101MA19A |
|
Similar Description - 0805WA101MA19A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |