Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250607B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 250607B
Description  140.0 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250607B Datasheet(HTML) 2 Page - Integrated Technology Future

  250607B Datasheet HTML 1Page - Integrated Technology Future 250607B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
140.0 MHz SAW Filter
Part Number 250607B
Tel: 82-32-621-1213
2011. 01. 24
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃ )
1dB Bandwidth & Ripple
3dB Bandwidth & Group Delay
CH1
S21
LOG
1 dB/
REF -23.8 dB
Cor
CH2
S21
LOG
1 dB/
REF -24.22 dB
CENTER 140 . 000 000 MHz
SPAN
7. 500 000 MHz
Cor
22 Nov 2005 01:51:09
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
6. 225064
MHz
cent : 139 . 940669
MHz
Q: 22 . 480
1_loss : -24 . 033 dB
2
3
3: . 10920
dB
5. 800 000 MHz
REF=2
CH2 Markers
mean : -23 . 999 dB
s. dev : . 11310
dB
p-p : . 50010
dB
CH1
S21
LOG
1 dB/
REF -23.8 dB
Cor
CH2
S21
DEL
200 ns/
REF 4.664 us
CENTER 140 . 000 000 MHz
SPAN
7. 500 000 MHz
Cor
Smo
22 Nov 2005 01:51:25
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
6. 405004
MHz
cent : 139 . 936014
MHz
Q: 21. 848
1_loss : -24 . 034 dB
2
3
3: -52 . 016 ns
5. 800 000 MHz
REF=2
CH2 Markers
mean : 4. 7130 us
s. dev : 15 . 701 ns
p-p : 81 . 787 ns
40dB Bandwidth
50dB Bandwidth
CH1
S21
LOG
10 dB/
REF -24.05 dB
CENTER 140 . 000 000 MHz
SPAN
19. 000 000 MHz
Cor
22 Nov 2005 01:49:59
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
7. 243928
MHz
cent : 139 . 930056
MHz
Q: 19. 317
1_loss : -24 . 024 dB
CH1
S21
LOG
10 dB/
REF -24.05 dB
CENTER 140 . 000 000 MHz
SPAN
19. 000 000 MHz
Cor
22 Nov 2005 01:50:25
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
7. 365678
MHz
cent : 139 . 912305
MHz
Q: 18 . 995
1_loss : -24 . 051 dB
Wide band Properties
SWR(S11 & S22)
CH1
S21
LOG
10 dB/
REF -24.37 dB
START
. 010 000 MHz
STOP 500 . 000 000 MHz
22 Nov 2005 01:53:13
1
1: -24 . 790 dB
140 . 000 000 MHz
CH1
S11
SWR
1 /
REF 3.12
CENTER 140 . 000 000 MHz
SPAN
19. 000 000 MHz
Cor
CH2
S22
SWR
1 /
REF 2.367
Cor
22 Nov 2005 01:52:22
1
1: 3. 1145
140 . 000 000 MHz
2
2: 2. 3665
140 . 000 000 MHz


Similar Part No. - 250607B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2506070 ALPHAWIRE-2506070 Datasheet
95Kb / 6P
   Customer Specification
1/5/2023
More results

Similar Description - 250607B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250421B ITF-250421B Datasheet
199Kb / 2P
   140.0 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2140A MURATA-SF2140A Datasheet
97Kb / 5P
   140.0 MHz SAW Filter
logo
Integrated Technology F...
251302B ITF-251302B Datasheet
167Kb / 2P
   140.0 MHz SAW Filter
250111B ITF-250111B Datasheet
193Kb / 2P
   140.0 MHz SAW Filter
250308B ITF-250308B Datasheet
187Kb / 2P
   140.0 MHz SAW Filter
250510B ITF-250510B Datasheet
179Kb / 2P
   140.0 MHz SAW Filter
250009B ITF-250009B Datasheet
166Kb / 2P
   140.0 MHz SAW Filter
250154B ITF-250154B Datasheet
180Kb / 2P
   140.0 MHz SAW Filter
252302B ITF-252302B Datasheet
165Kb / 2P
   140.0 MHz SAW Filter
250802B ITF-250802B Datasheet
167Kb / 2P
   140.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com