Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5782 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA5782
Description  AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5782 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA5782 Datasheet HTML 7Page - ATMEL Corporation ATA5782 Datasheet HTML 8Page - ATMEL Corporation ATA5782 Datasheet HTML 9Page - ATMEL Corporation ATA5782 Datasheet HTML 10Page - ATMEL Corporation ATA5782 Datasheet HTML 11Page - ATMEL Corporation ATA5782 Datasheet HTML 12Page - ATMEL Corporation ATA5782 Datasheet HTML 13Page - ATMEL Corporation ATA5782 Datasheet HTML 14Page - ATMEL Corporation ATA5782 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Atmel ATA5781 [Summary DATASHEET]
9286BS–RKE–06/13
The initial settings are stored in the EEPROM and copied during firmware initialization to the SRAM. This allows modification of
the PollingMode timing and service/channel configuration during IDLEMode.
The tune and check mode (TCMode) offers calibration and self-checking functionality for the VCO and FRC oscillators as well
as for temperature measurement, and polling cycle accuracy. This mode is activated via the SPI command “Calibrate and
Check”. When selected in the EEPROM settings, tune and check tasks are also used during system initialization after power-
on. Furthermore, they can also be activated periodically during PollingMode.
Table 2-1 shows the relations between the operating modes and their corresponding power supplies, clock sources, and sleep
mode settings.
Notes: 1.
During IDLEMode(RC) and IDLEMode(XTO) the AVR microcontroller enters sleep mode to reduce current con-
sumption. The sleep mode of the microcontroller section can be defined in the EEPROM. The power-down mode
is recommended for keeping current consumption low.
Table 2-1.
Operating Modes versus Power Supplies and Oscillators
Operation Mode
AVR Sleep Mode
DVCC
AVCC
XTO
SRC
FRC
OFFMode
-
off
off
off
off
off
IDLEMode(RC)
Active mode
Power-down(1)
on
off
off
off
off
on
on
on
off
IDLEMode(XTO)
Active mode
Power-down(1)
on
on
on
on
on
on
off
off
RXMode
Active mode
on
on
on
off
PollingMode(RC)
- Active period
- Sleep period
Active mode
Power-down(1)
on
off
on
off
on
on
on
off
PollingMode(XTO)
- Active period
- Sleep period
Active mode
Power-down(1)
on
on
on
on
on
on
off
off


Similar Part No. - ATA5782

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5782

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0097 STMICROELECTRONICS-UM0097 Datasheet
2Mb / 229P
   STR71x firmware library
AN3108 STMICROELECTRONICS-AN3108 Datasheet
791Kb / 44P
   STLM75 firmware library for the STM32F10x
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2F0B ONSEMI-LC88FC2F0B Datasheet
453Kb / 47P
   16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
logo
ATMEL Corporation
ATA5791 ATMEL-ATA5791_14 Datasheet
360Kb / 8P
   Embedded AVR Microcontroller Including RF Transmitter
ATA5795C ATMEL-ATA5795C_14 Datasheet
388Kb / 8P
   Embedded AVR Microcontroller Including RF Transmitter
ATTINY1634 ATMEL-ATTINY1634_14 Datasheet
12Mb / 259P
   8-bit AVR Microcontroller with 16KB In-system
logo
STMicroelectronics
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com