Selected language     English  ▼


8-1415017-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 8-1415017-1
Description  General Purpose Relays Force Guided Relays
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR6 A/B/C/V (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-25 to 70°C
Category of environmental Protection
IEC 61 810
RTIII
Weight
30g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
Packaging/unit
tube/10 pcs.
For more detailed information see product specification 2158003
Accessories
27E1079
SR6A and SR6B socket (1423991-1)
27E1081
SR6C socket (1423992-1)
24A243
Relay hold down clip (1423994-1)
For details see datasheet 1654787
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
4000Vrms
between adjacent contacts
3000Vrms
Clearance/creepage
between open contacts
microdisconnection
between contact and coil
≥5.5/5.5mm
between adjacent contacts
≥5.5/5.5mm
Insulation to EN 50178, type of insulation
between contact and coil
reinforced
between adjacent contacts
reinforced
PCB layout / terminal assignment
Bottom view
3 form A + 3 form B, 3 NO + 3 NC versions
SR6 A
4 form A + 2 form B, 4 NO + 2 NC versions
SR6 B
5 form A + 1 form B, 5 NO + 1 NC versions
SR6 C
S0368-CA
S0368-CB
S0368-CA
S0368-CC
S0368-CD
S0368-CE
4 form A + 2 form B, 4 NO + 2 NC versions
SR6 V
S0368-CU
S0368-CV
The design of the SR6 V allows
clearance/creepage of 5.5 mm
on the PCB.
Dimensions
S0367-DN
SR6 A/B/C
S0367-DU
SR6 V




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl