Selected language     English  ▼


4-1415520-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 4-1415520-1
Description  General Purpose Relays PCB Relays
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
11-2011, Rev. 1111
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 16A, 1 form A (NO) or 1 form B (NC) contact
n
Coil power 400mW
n
Reinforced insulation (EN 61810, 60335, 60730)
n
Ambient temperature up to 105°C
n
Quick connect terminals for load side
n
WG version: Materials in accordance to IEC 60335-1
Typical applications
Oven control, electric heating, power supplies, air conditioning, microwave
ovens, hobs
Approvals
VDE REG.-Nr. A652, UL E214025, CQC 05001014817
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO) or 1 form B (NC)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
16A
Limiting making current, form A contact,
max. 4s, duty factor 10 %
25A
Breaking capacity max.
4000VA
Contact material
AgNi 90/10
Min. recommended contact load
12VAC at 500mA
Frequency of operation, with/without load
360/72000h-1
Operate/release time max.
11/7ms
Bounce time max., form A/form B
4/4ms
Contact ratings
Type
Contact Load
Cycles
IEC 61810
RF334; RFH34
A (NO)
16A, 250VAC resistive, 85°C
100x103
RF334; RFH34
A (NO)
11A, 250VAC resistive, 85°C
250x103
RF334; RFH34
A (NO)
20A, 250VAC resistive, 85°C
25x103
RF334; RFH34
A (NO)
25A, 250VAC resistive, 70°C
15x103
RF354; RFH54
B (NC)
16A, 250VAC resistive, 85°C
100x103
RF354; RFH54
B (NC)
20A, 250VAC resistive, 85°C
50x103
RF354; RFH54
B (NC)
25A, 250VAC resistive, 70°C
20x103
RFH34
A (NO)
16A, 250VAC resistive, 105°C
100x103
RFH34
A (NO)
11A, 250VAC resistive, 105°C
250x103
RFH34
A (NO)
18.5A, 250VAC resistive, 105°C
20x103
RFH34
A (NO)
10A, 400VAC resistive, 105°C
150x103
Mechanical endurance
>10x106 operations
Coil Data
Coil voltage range
5 to 60VDC
Operative range, IEC 61810
2
Coil insulation system according UL1446
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
005
5
3.5
0.5
62
403
006
6
4.2
0.6
90
400
009
9
6.3
0.9
203
399
012
12
8.4
1.2
360
400
024
24
16.8
2.4
1440
400
048
48
33.6
4.8
5520
417
060
60
42.0
6.0
8570
420
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
Power Relay RF
F0273-BI
Z
V




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl