Electronic Components Datasheet Search
Selected language     English  ▼


4-1415520-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 4-1415520-1
Description  General Purpose Relays PCB Relays
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
11-2011, Rev. 1111
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power Relay RF (Continued)
Product code
Contact arrangement
Version
Coil
Version
Part number
RF334012
1 form A (NO)
85°C
12VDC
Standard
8-1415513-1
RFH34009WG
contact
105°C
9VDC
IEC60335-1 compliant
4-1415520-1
RFH34012WG
12VDC
5-1415520-1
RFH34024
24VDC
Standard
1415511-1
RFH54006WG
1 form B (NC)
6VDC
IEC60335-1 compliant
1415521-1
RFH54024WG
contact
24VDC
3-1415521-1
RFHD4012WG
1 form A (NO)
12VDC
9-1415521-1
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
RF
3
3
4
012
WG
Type
RF Power Relay RF
Version
3
16A, 85°C
H 16A, 105°C
Contact configuration
3
1 form A (NO) contact, quick connect term. vertical
D 1 form A (NO) contact, quick connect term. horizontal
5
1 form B (NC) contact, quick connect term. vertical
F
1 form B (NC) contact, quick connect term. horizontal
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Wash tight version on request




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl