Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1437290-7 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 3-1437290-7
Description  AMP SUPERSEAL Connectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1437290-7 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 3-1437290-7 Datasheet HTML 3Page - Tyco Electronics 3-1437290-7 Datasheet HTML 4Page - Tyco Electronics 3-1437290-7 Datasheet HTML 5Page - Tyco Electronics 3-1437290-7 Datasheet HTML 6Page - Tyco Electronics 3-1437290-7 Datasheet HTML 7Page - Tyco Electronics 3-1437290-7 Datasheet HTML 8Page - Tyco Electronics 3-1437290-7 Datasheet HTML 9Page - Tyco Electronics 3-1437290-7 Datasheet HTML 10Page - Tyco Electronics 3-1437290-7 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
HIGH
SPEED
D A T A
NETW ORKING
High speed data networking within the automobile is becoming more
predominant. What was till now restricted to the high end of the
market utilizing system such as the MOST
® network, high speed data
transmission based on optical fibers, now with the introduction
of iPOD’s, display screens and cameras results in the need for high
speed networking throughout all platforms.
MO S T
®
IS
A
TRADEMARK
LITERATURE NO. 1308084-2
TYCO ELECTRONICS
.
OUR COMMITMENT. YOUR ADVANTAGE.
Tyco Electronics’ businesses operate in thousands of different areas of industry.
The products and services we deliver all have one thing in common: They are
vital to everyday living. Individuals and companies worldwide have critical needs.
And every minute of every day, we satisfy them.
GL OBAL A U T OMO TIVE DIVISION
WIRELES S
TECHNOL OGIES
RAD AR
SENSORS
& ANTENNA S FOR TELEMA TICS
Tyco Electronics is a world leading supplier of radar technology for
the automotive industries. In cooperation with system integrators
and OEMs, Tyco Electronics developed 24 GHz high resolution short
range radar sensors in Ultra Wide Band technology and 77 GHz
Adaptive Cruise Control radar front ends suitable for driver assistance
applications, which enable advanced active and passive safety
systems.
Tyco Electronics develops, produces and supplies antennas for the
automotive industries. Single to Quad band antennas are available in state of the
art planar and dipole technologies. All telematic frequency bands for satellite
radio, navigation, emergency positioning and cellular mobile communications are
covered.
LITERATURE NO. 1308090-2
5
2-Inhalt SUPERSEAL 1.0.qxd
09.06.2008
16:14 Uhr
Seite 5


Similar Part No. - 3-1437290-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1437290-7 MACOM-3-1437290-7 Datasheet
740Kb / 41P
   SUPER SEAL CONNECTOR
More results

Similar Description - 3-1437290-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
38221 MACOM-38221 Datasheet
186Kb / 9P
   AMP SUPERSEAL 1.5 SERIES
logo
TE Connectivity Ltd
C-282087 TEC-C-282087 Datasheet
465Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 3 POSITIONS PLUG ASSY
C-282090 TEC-C-282090 Datasheet
497Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 6 POSITIONS PLUG ASSY
C-282089 TEC-C-282089 Datasheet
518Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 5 POSITIONS PLUG ASSY
C-282105 TEC-C-282105 Datasheet
142Kb / 1P
   AMP SUPERSEAL 1.5 SRS. 3 POSITIONS TAB ASSY
C-282079 TEC-C-282079 Datasheet
333Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 1 POSITION PLUG ASSY
C-282080 TEC-C-282080 Datasheet
440Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 2 POSITIONS PLUG ASSY
C-282088 TEC-C-282088 Datasheet
400Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 4 POSITIONS PLUG ASSY
logo
Glenair, Inc.
233-341 GLENAIR-233-341 Datasheet
327Kb / 1P
   USB SuperSeal D38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com