Selected language     English  ▼


4-1437290-0 Datasheet(PDF) 11 Page - Tyco Electronics

Part No. 4-1437290-0
Description  AMP SUPERSEAL Connectors
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 11 page
background image
Quality Guidelines (continued)
AMP SUPERSEAL Connectors 1.0 mm System
for the Automotive Market
Catalog 1308072-2
Revised 6-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9
For double wire applications with different size wires always place wire with
smallest outer diameter in the bottom
Insulation is securely held
Crimp barrel closed
Bellmouth must always be present
Locking lances and terminal
body not deformed
Bellmouth Permissible
Cut off tabs present
Crimp barrel is closed, legs support each other
Sufficient gap between legs and bottom of crimp
All strands are equally distributed and deformed
Insulation is securely held
Legs overlap
Insulation securely held
Legs must pass each other
Correct selection of wire, terminal and applicator
WIRE CRIMP
WIRE CRIMP
INSULATION CRIMP
Correct Insulation Diameter, Applicator and Terminal
Examples:
Con-
Part
Wire
Toler-
Appli-
tact
No.
Range
ance
cation
(mm2)
(mm)
Spec.
MQS
962885
0.2–0.5
± 0.03
114-18025
962886
JPT
927775
0.5–1.0
± 0.05
114-18050
JPT
927773
1.5–2.5
± 0.05
114-18050
Digital Crimp Height Micrometer
(0.001 mm increments) acc. to DIN ISO 9001
Part No. 547203-1
Crimp height measurement
Crimp heights and tolerances
For crimp height tolerances for any given
contact, please refer to the relevant
application specification.
INSULATION CRIMP
Test
Wire crimp without conductor
Insulation must be
securely held
after bend test
Insulation Present
Conductor Present
Correct
2-Inhalt SUPERSEAL 1.0.qxd
09.06.2008
16:14 Uhr
Seite 9




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl