Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-1437290-1 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 4-1437290-1
Description  AMP SUPERSEAL Connectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1437290-1 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 4-1437290-1 Datasheet HTML 16Page - Tyco Electronics 4-1437290-1 Datasheet HTML 17Page - Tyco Electronics 4-1437290-1 Datasheet HTML 18Page - Tyco Electronics 4-1437290-1 Datasheet HTML 19Page - Tyco Electronics 4-1437290-1 Datasheet HTML 20Page - Tyco Electronics 4-1437290-1 Datasheet HTML 21Page - Tyco Electronics 4-1437290-1 Datasheet HTML 22Page - Tyco Electronics 4-1437290-1 Datasheet HTML 23Page - Tyco Electronics 4-1437290-1 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Receptacle Contacts and Cavity Plug
AMP SUPERSEAL Connectors 1.0 mm System
for the Automotive Market
Catalog 1308072-2
Revised 6-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
18
Technical Features
Wire Size Range:
0.5 up to 1.25 mm2
Insulation Diameter:
1.6–2.2 mm
(Larger allowed on limited basis,
contact Product Engineering)
Contact Material:
Copper Alloy
Contact Finish:
Gold over Nickel (contact part)
Tin over Nickel (crimp area)
Housing Material:
PBT/ PET
Temperature Range:
–40 °C up to +125 °C
Current Carrying Capacity:
See Product Specification
––
Product Specification:
108-78140
Application Specification:
114-78011, 114-78013
Material and Finish
Part Numbers
Strip
Package
Loose-
Package
Applicator
Hand Tool
Form
Quantity
Piece
Quantity
1.0 mm Receptacle Contacts
Insulation
Diameter
(mm)
Wire Size
Range
(mm2)
Copper Alloy
0.5
1.6–2.2
Gold over Nickel (Contact Part)
3-1447221-4
1463174-2
1454509-2
Tin over Nickel (Crimp Area)
Copper Alloy
0.75–0.85
1.6–2.4
Gold over Nickel (Contact Part)
3-1447221-3
1463173-2
1454509-1
Tin over Nickel (Crimp Area)
Copper Alloy
1.25
1.9–2.2
Gold over Nickel (Contact Part)
3-1447221-3
1454509-1
Tin over Nickel (Crimp Area)
Note: All part numbers are RoHS and ELV compliant.
Cavity Plug
Part No. 4-1437284-3
22.1
1.9
9.7
3.0
2.4
2-Inhalt SUPERSEAL 1.0.qxd
09.06.2008
16:14 Uhr
Seite 18


Similar Part No. - 4-1437290-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1437290-1 MACOM-4-1437290-1 Datasheet
740Kb / 41P
   SUPER SEAL CONNECTOR
More results

Similar Description - 4-1437290-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
38221 MACOM-38221 Datasheet
186Kb / 9P
   AMP SUPERSEAL 1.5 SERIES
logo
TE Connectivity Ltd
C-282087 TEC-C-282087 Datasheet
465Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 3 POSITIONS PLUG ASSY
C-282090 TEC-C-282090 Datasheet
497Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 6 POSITIONS PLUG ASSY
C-282089 TEC-C-282089 Datasheet
518Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 5 POSITIONS PLUG ASSY
C-282105 TEC-C-282105 Datasheet
142Kb / 1P
   AMP SUPERSEAL 1.5 SRS. 3 POSITIONS TAB ASSY
C-282079 TEC-C-282079 Datasheet
333Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 1 POSITION PLUG ASSY
C-282080 TEC-C-282080 Datasheet
440Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 2 POSITIONS PLUG ASSY
C-282088 TEC-C-282088 Datasheet
400Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 4 POSITIONS PLUG ASSY
logo
Glenair, Inc.
233-341 GLENAIR-233-341 Datasheet
327Kb / 1P
   USB SuperSeal D38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com