Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-1473416-1 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 9-1473416-1
Description  AMP SUPERSEAL Connectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-1473416-1 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 9-1473416-1 Datasheet HTML 15Page - Tyco Electronics 9-1473416-1 Datasheet HTML 16Page - Tyco Electronics 9-1473416-1 Datasheet HTML 17Page - Tyco Electronics 9-1473416-1 Datasheet HTML 18Page - Tyco Electronics 9-1473416-1 Datasheet HTML 19Page - Tyco Electronics 9-1473416-1 Datasheet HTML 20Page - Tyco Electronics 9-1473416-1 Datasheet HTML 21Page - Tyco Electronics 9-1473416-1 Datasheet HTML 22Page - Tyco Electronics 9-1473416-1 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Introduction
AMP SUPERSEAL Connectors 1.0 mm System
for the Automotive Market
Catalog 1308072-2
Revised 6-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
17
Designed for the automotive
industry, AMP SUPERSEAL
connectors meet the sealing
requirements outlined in
IEC 529 and DIN 40050
I.P 6.7 specifications.
The cap and plug connector
housings incorporate pre-
assembled secondary locks
to help insure correct and
complete contact insertion
into the housing and helps
prevent the contacts from
backing out during mating.
The secondary lock cannot
be closed if the contacts are
not correctly inserted into the
connector housing.
Cavity plugs are available for
sealing unused connector
cavities.
The double spring contact
design (main spring and
auxiliary anti-overstress spring)
insure low insertion and high
contact forces.
Advantages
I Compact system minimizes
packaging requirements
I Sealing reliability proven
under harsh conditions
I Designed for ease of manual
harness assembly, engine
mounting and under hood
environments
Applications
I Wire-to-Board (1.0 mm)
and ECU applications, under
hood or any location where
sealing is required
I Suitable for automotive,
truck, bus, or off-road
vehicles
2-Inhalt SUPERSEAL 1.0.qxd
09.06.2008
16:14 Uhr
Seite 17


Similar Part No. - 9-1473416-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1470209-3 MACOM-9-1470209-3 Datasheet
311Kb / 2P
   AMPMODU 2.0mm PITCH REC CONN, VERTICAL MOUNT TYPE
9-1470209-8 MACOM-9-1470209-8 Datasheet
311Kb / 2P
   AMPMODU 2.0mm PITCH REC CONN, VERTICAL MOUNT TYPE
9-147095-0 MACOM-9-147095-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
9-147096-0 MACOM-9-147096-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 9-1473416-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
38221 MACOM-38221 Datasheet
186Kb / 9P
   AMP SUPERSEAL 1.5 SERIES
logo
TE Connectivity Ltd
C-282087 TEC-C-282087 Datasheet
465Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 3 POSITIONS PLUG ASSY
C-282090 TEC-C-282090 Datasheet
497Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 6 POSITIONS PLUG ASSY
C-282089 TEC-C-282089 Datasheet
518Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 5 POSITIONS PLUG ASSY
C-282105 TEC-C-282105 Datasheet
142Kb / 1P
   AMP SUPERSEAL 1.5 SRS. 3 POSITIONS TAB ASSY
C-282079 TEC-C-282079 Datasheet
333Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 1 POSITION PLUG ASSY
C-282080 TEC-C-282080 Datasheet
440Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 2 POSITIONS PLUG ASSY
C-282088 TEC-C-282088 Datasheet
400Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 4 POSITIONS PLUG ASSY
logo
Glenair, Inc.
233-341 GLENAIR-233-341 Datasheet
327Kb / 1P
   USB SuperSeal D38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com