Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT325S6CFR8C-H9 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT325S6CFR8C-H9
Description  DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb C-die
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT325S6CFR8C-H9 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT325S6CFR8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT325S6CFR8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT325S6CFR8C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT325S6CFR8C-H9 Datasheet HTML 10Page - Hynix Semiconductor HMT325S6CFR8C-H9 Datasheet HTML 11Page - Hynix Semiconductor HMT325S6CFR8C-H9 Datasheet HTML 12Page - Hynix Semiconductor HMT325S6CFR8C-H9 Datasheet HTML 13Page - Hynix Semiconductor HMT325S6CFR8C-H9 Datasheet HTML 14Page - Hynix Semiconductor HMT325S6CFR8C-H9 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Rev. 1.0/Sep. 2012
11
Absolute Maximum Ratings
Absolute Maximum DC Ratings
Notes:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement
conditions, please refer to JESD51-2 standard.
3. VDD and VDDQ must be within 300mV of each other at all times; and VREF must not be greater than
0.6XVDDQ,When VDD and VDDQ are less than 500mV; VREF may be equal to or less than 300mV.
DRAM Component Operating Temperature Range
Notes:
1. Operating Temperature TOPER is the case surface temperature on the center / top side of the DRAM. For mea-
surement conditions, please refer to the JEDEC document JESD51-2.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. Dur-
ing operation, the DRAM case temperature must be maintained between 0 - 85oC under all operating conditions.
3. Some applications require operation of the DRAM in the Extended Temperature Range between 85oC and 95oC
case temperature. Full specifications are guaranteed in this range, but the following additional conditions apply:
a. Refresh commands must be doubled in frequency, therefore reducing the Refresh interval tREFI to 3.9 µs. It
is also possible to specify a component with 1X refresh (tREFI to 7.8µs) in the Extended Temperature Range.
Please refer to the DIMM SPD for option availability
b. If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to either use
the Manual Self-Refresh mode with Extended Temperature Range capability (MR2 A6 = 0b and MR2 A7 = 1b)
or enable the optional Auto Self-Refresh mode (MR2 A6 = 1b and MR2 A7 = 0b). DDR3 SDRAMs support Auto
Self-Refresh and Extended Temperature Range and please refer to component datasheet and/or the DIMM
SPD for tREFI requirements in the Extended Temperature Range.
Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to Vss
- 0.4 V ~ 1.8 V
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
- 0.4 V ~ 1.8 V
V
1,3
VIN, VOUT Voltage on any pin relative to Vss
- 0.4 V ~ 1.8 V
V
1
TSTG
Storage Temperature
-55 to +100
oC1, 2
Temperature Range
Symbol
Parameter
Rating
Units
Notes
TOPER
Normal Operating Temperature Range
0 to 85
oC
1,2
Extended Temperature Range
85 to 95
oC1,3


Similar Part No. - HMT325S6CFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8A-G7 HYNIX-HMT325S6CFR8A-G7 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8A-H9 HYNIX-HMT325S6CFR8A-H9 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8A-PB HYNIX-HMT325S6CFR8A-PB Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results

Similar Description - HMT325S6CFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325S6EFR8C HYNIX-HMT325S6EFR8C Datasheet
1,011Kb / 50P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325S6EFR8A HYNIX-HMT325S6EFR8A Datasheet
1,022Kb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com