Selected language     English  ▼


4-1415535-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 4-1415535-1
Description  Power PCB Relay RT2
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
05-2011, Rev. 0511
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT2 (Continued)
Product code structure
Typical product code
RT
4
2
4
024
Type
RT Power PCB Relay RT2
Version
4
8A, pinning 5mm, flux proof
E 8A, pinning 5mm, wash tight (not for Reflow version)
Contact arrangement
2
2 form C (CO) contacts
4
2 form A (NO) contacts
Contact material
3
AgSnO
4
AgNi 90/10
5
AgNi 90/10 gold plated
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
R
Reflow solderable
Product code
Version
Contacts
Contact material
Coil
Version
Part number
RT423730
8A,
2 form C (CO)
AgSnO
230VAC
Standard
4-1393243-3
RT424005
pinning 5mm,
contacts
AgNi 90/10
5VDC
5-1393243-9
RT424006
flux proof
6VDC
6-1393243-1
RT424012
12VDC
6-1393243-3
RT424012WG
IEC60335-1 compliant
7-1415538-8
RT424024
24VDC
Standard
6-1393243-8
RT424024WG
IEC60335-1 compliant
7-1415538-7
RT424048
48VDC
Standard
7-1393243-0
RT424060
60VDC
7-1393243-3
RT424110
110VDC
7-1393243-5
RT424524
24VAC
7-1393243-6
RT424615
115VAC
7-1393243-8
RT424730
230VAC
7-1393243-9
RT425003
AgNi 90/10
3VDC
7-1415525-1
RT425005
gold plated
5VDC
8-1393243-0
RT425012
12VDC
8-1393243-2
RT425024
24VDC
8-1393243-5
RT444012
2 form A (NO)
AgNi 90/10
12VDC
9-1393243-7
RT444024
contacts
24VDC
9-1393243-9
RTE24005
8A,
2 form C (CO)
5VDC
1393243-1
RTE24006
pinning 5mm,
contacts
6VDC
1393243-2
RTE24012
wash tight
12VDC
1393243-4
RTE24024
24VDC
1-1393243-0
RTE24048
48VDC
1-1393243-1
RTE24110
110VDC
1-1393243-4
RTE24524
24VAC
1-1393243-5
RTE24615
115VAC
1-1393243-7
RTE24730
230VAC
1-1393243-8
RTE25005
AgNi 90/10
5VDC
1-1393243-9
RTE25012
gold plated
12VDC
2-1393243-0
RTE25024
24VDC
2-1393243-1
RTE25524
2-1393243-4
RTE43009
2 form A (NO)
AgSnO
9VDC
4-1415535-1
RTE44009
contacts
AgNi 90/10
3-1393243-1
RTE44730
230VAC
3-1393243-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl