Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6408028-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6408028-1
Description  RF Coax Products
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6408028-1 Datasheet(HTML) 2 Page - Tyco Electronics

  6408028-1 Datasheet HTML 1Page - Tyco Electronics 6408028-1 Datasheet HTML 2Page - Tyco Electronics 6408028-1 Datasheet HTML 3Page - Tyco Electronics 6408028-1 Datasheet HTML 4Page - Tyco Electronics 6408028-1 Datasheet HTML 5Page - Tyco Electronics 6408028-1 Datasheet HTML 6Page - Tyco Electronics 6408028-1 Datasheet HTML 7Page - Tyco Electronics 6408028-1 Datasheet HTML 8Page - Tyco Electronics 6408028-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 320 page
background image
2
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Introduction
RF Coax Connectors
The Tyco Electronics
RF Coaxial catalog
combines the best products
from industry leading brand
names like M/A-COM and
AMP. We have integrated
these into one cohesive set
of RF products focused
specifically on wireless,
wireline carrier, and enter-
prise networking sectors of
the world telecom equip-
ment market.
Tyco Electronic’s broadest
selection of RF connectors
and coaxial cable assem-
blies provides you with a
solution for every intercon-
nection requirement.
Type N and 7/16 connec-
tors are used where high
power and rugged reliability
are required, typically as
antenna feeds, filter/
combiner I/O’s, and power
amplifier outputs. SMA,
SMB, and TNC connectors
are the primary cable inter-
face for inner cabinet rout-
ing and are available in
panel mount, board mount,
and cable terminations.
Subminiature connectors
such as MCX, SMP, DIN,
and BlindMate provide
panel to board and back-
plane connections. Finally,
our micro miniature SSMT,
and MMCX series provide
excellent board to board
and card edge to board
solutions.
All of these interfaces are
supported with cable termi-
nating tools and between
series adapters to meet all
your requirements for trou-
ble free terminations at the
lowest applied cost. The
appendices hold a wealth
of information including a
Theory and Application
tutorial, RG/U cable specifi-
cation tables, Application
notes on White Bronze plat-
ing and intermodulation
distortion.
Whether you need rugged
external RF power cables,
panel mount, board to
board, blindmate, or DIN,
Tyco Electronics has the
connection.
How to Use This Catalog
Based on the communica-
tions gear that you are
designing:
Wireless Basestations
Carrier Rack Equipment
Chassis Set Top Box
NIC Card
Typical equipment drawings
on pages 306-309 guide
you to the interconnect
section(s) in this catalog.
Selection guides will direct
you to products based
on performance and
mechanical requirements
such as impedance, VSWR,
max. frequency, power
handling, etc.
There are other guides
to help you find the right
connection: A table of
contents listed by interface
type, a complete connector
type selector describes
each interface with typical
applications, and a mini-
selection guide shows
key parameters to quickly
pinpoint the right connector
type.
Product Facts
Listed under the Component
Program of Underwriters
Laboratories Inc.,
File No. E-81956
as indicated by Product
Family
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E-81956 as
indicated by Product Family
Certified by Canadian
Standards
Association
File No. LR 7189 as
indicated by Product Family
Produced under a Quality
Management System
certified to ISO 9001
A copy of the
certificate is available
upon request
ISO
Certified
9001
R
R
R
Need more information?
Call Technical Support at
the numbers listed below.
Technical Support is staffed
with specialists well versed
in all Tyco Electronics
products. They can provide
you with:
Technical Support
Catalogs
Technical Documents
Product Samples
Tyco Electronics
Authorized Distributor
Locations
Restriction on the use of Hazardous Substances
(RoHS)
At Tyco Electronics, we’re ready to support your RoHS require-
ments. We’ve assessed more than 1.5 million end items/com-
ponents for RoHS compliance, and issued new part numbers
where any change was required to eliminate the restricted
materials. Part numbers in this catalog are identified as:
RoHS Compliant — Part numbers in this catalog are RoHS
Compliant, unless marked otherwise. These products comply
with European Union Directive 2002/95/EC as amended 1
January 2006 that restricts the use of lead, mercury, cadmium,
hexavalent chromium, PBB, and PBDE in certain electrical and
electronic products sold into the EU as of 1 July 2006.
NOTE: For purposes of this Catalog, included within the defini-
tion of RoHS Compliant are products that are clearly “Out of
Scope” of the RoHS Directive such as hand tools and other
non-electrical accessories.
Non-RoHS Compliant — These part numbers are identified
with a “
” symbol. These products do not comply with the
material restrictions of the European Union Directive
2002/95/EC.
NOTE: Information regarding RoHS compliance is provided
based on reasonable inquiry of our suppliers and represents
our current actual knowledge based on the information provided
by our suppliers. This information is subject to change. For lat-
est compliance status, refer to our website referenced at right.
Getting the Information You Need
Our comprehensive on-line RoHS Customer Support Center
provides a forum to answer your questions and support your
RoHS needs. A RoHS FAQ (Frequently Asked Questions) is
available with links to more detailed information. You can also
submit RoHS questions and receive a response within 24
hours during a normal work week. The Support Center also
provides:
■ Cross-Reference from
Non-compliant to Compliant
Products
■ Ability to browse RoHS
Compliant Products in our
on-line catalog
■ Downloadable Technical Data
Customer Information
Presentation
■ More detailed information
regarding the definitions used above
■ So whatever your questions when it comes to RoHS, we’ve
got the answers at www.tycoelectronics.com/leadfree
RoHS
Customer
Support
Center


Similar Part No. - 6408028-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640866 MACOM-640866 Datasheet
186Kb / 1P
   MTA-156 CARD EDGE CONNECTOR ASSEMBLY, 22 AWG, PANEL MOUNT
More results

Similar Description - 6408028-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
SMB MACOM-SMB Datasheet
503Kb / 17P
   RF Coax Connectors
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
AVX Corporation
L06031R2CGSTR AVX-L06031R2CGSTR Datasheet
123Kb / 5P
   For RoHS compliant products, SMD High-Q RF Inductor
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com