Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E213SD9ZRE Datasheet(PDF) 8 Page - C&K Components

Part # E213SD9ZRE
Description  E Series Sealed Miniature Toggle Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E213SD9ZRE Datasheet(HTML) 8 Page - C&K Components

  E213SD9ZRE Datasheet HTML 1Page - C&K Components E213SD9ZRE Datasheet HTML 2Page - C&K Components E213SD9ZRE Datasheet HTML 3Page - C&K Components E213SD9ZRE Datasheet HTML 4Page - C&K Components E213SD9ZRE Datasheet HTML 5Page - C&K Components E213SD9ZRE Datasheet HTML 6Page - C&K Components E213SD9ZRE Datasheet HTML 7Page - C&K Components E213SD9ZRE Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
F–24
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
E Series
Sealed Miniature Toggle Switches
CONTACT MATERIAL
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, with gold flash over silver
plate. Or copper alloy, silver plated.
6 TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with P, S, R, Q, B or G contact material are RoHS compliant.
All models
with all options when ordered with S, R, G, or Q contact material except
with F1 conductive bushing.
B contact material standard with all terminations.
P, S & R contact materials not available with Z & Z3 terminations.
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
SILVER 5
MATTE-TIN 6
GOLD 1
SILVER 4,5
GOLD OVER
SILVER 2,3
GOLD 3
MATTE-TIN 6
GOLD 1
MATTE-TIN 6
LOW LEVEL/
DRY CIRCUIT
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
E1XX & E2XX MODELS: 7.5 AMPS @ 125 V AC OR 28 V DC;
3 AMPS @ 250 V AC.
E3XX MODELS: 5 AMPS @ 125 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
E1XX AND E2XX MODELS: 0.4 VA MAX @20 V AC OR DC MAX. OR
7.5 AMPS @125 V AC OR 28 V DC; 3 AMPS @ 250 V AC.
DC E3XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 5 AMPS @
125 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
B
P
Q
S
G
R


Similar Part No. - E213SD9ZRE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E213SD9ABE ITT-E213SD9ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E213SD9AKE ITT-E213SD9AKE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E213SD9AV2BE ITT-E213SD9AV2BE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E213SD9AV2KE ITT-E213SD9AV2KE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E213SD9V3BE ITT-E213SD9V3BE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
More results

Similar Description - E213SD9ZRE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com