Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6408037-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 6408037-1
Description  RF Coax Products
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6408037-1 Datasheet(HTML) 5 Page - Tyco Electronics

  6408037-1 Datasheet HTML 1Page - Tyco Electronics 6408037-1 Datasheet HTML 2Page - Tyco Electronics 6408037-1 Datasheet HTML 3Page - Tyco Electronics 6408037-1 Datasheet HTML 4Page - Tyco Electronics 6408037-1 Datasheet HTML 5Page - Tyco Electronics 6408037-1 Datasheet HTML 6Page - Tyco Electronics 6408037-1 Datasheet HTML 7Page - Tyco Electronics 6408037-1 Datasheet HTML 8Page - Tyco Electronics 6408037-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 320 page
background image
5
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Connector Selection Guide
Nominal
Maximum
Temperature
Cable Retention
Coupling
Maximum
Durability
Connector
Page
Product
Impedance
Frequency
Rating
Mechanism
Peak
Cycles
Body
No.
Ohms
GHz
C
lb
[N]
Voltage
Finish
7-16 Series
50
7
-55° to +155°
RG8A/U
Threaded
4000
500
White Bronze
7
Lightning Protection
50
2.5
-45° to +85°
Adapter
Threaded
650
500
White Bronze
12
N Series
50
11
-65° to +85°
90
400.3
Threaded
1000
500
Nickel
20
Commercial
(RG-214/U)
TNC
50
7
-65° to +165°
60
266.9
Threaded
500
500
Silver
29
Single Crimp
(RG-58C/U)
TNC
50
11
-65° to +165°
60
266.9
Threaded
500
500
Silver or Nickel
29
Dual Crimp
(RG-58C/U)
TNC
50
7
-55° to +85°
60
266.9
Threaded
500
500
Nickel
29
Commercial
(RG-58C/U)
TNC
75
2
-55° to +85°
60
266.9
Threaded
500
500
Nickel
29
75 Ohm
(RG-59B/U)
BNC
50
2.5
-65° to +165°
60
266.9
Bayonet
500
500
Silver or Nickel
44
Single Crimp
(RG-58C/U)
BNC
50
4
-65° to +165°
60
266.9
Bayonet
500
500
Silver or Nickel
44
Dual Crimp
(RG-58C/U)
BNC
50
4
-55° to +85°
60
266.9
Bayonet
500
500
Nickel
44
Dual Crimp Commercial
(RG-58C/U)
BNC
50
4
-55° to +85°
60
266.9
Bayonet
500
500
Nickel
44
Hex Crimp
(RG-58C/U)
BNC
50
4
-65° to +165°
40
177.9
Bayonet
500
500
Nickel
44
Field Serviceable
(RG-142B/U)
BNC
75
2
-65° to +85°
60
266.9
Bayonet
500
500
Nickel
44
75 Ohm
(RG-59B/U)
Twin BNC
Non-
-55° to +85°
25
111.2
Bayonet
500
200
Silver or Nickel
89
constant
(RG-108/U)
40
F Series
75
-55° to +85°
(Series 59, 6, 7
Threaded (F)
500
200
Nickel
93
Single Braid)
40
G Series
75
-55° to +85°
(Series 59, 6, 7
Push-On (G)
500
200
Nickel
93
Single Braid)
SMA
50
26.5
-65° to +105°
60
266.9
Threaded
500
500
Gold or Passivated
100
Semi-Rigid
(RG-402/U)
Stainless Steel
SMA
50
12.4
-65° to +165°
40
177.9
Threaded
500
500
Gold or Passivated
100
Flexible
(RG-58C/U)
Stainless Steel
SMP
50
40
-65° to +165°
20
89
Snap-On
500
100
Gold
152
(RG-405/U)
OSP
50
22
-65° to +125°
60
267.02
Push-On
500
5000
Gold or Passivated
157
Semi-Rigid
(RG-402/U)
Stainless Steel
OSP
50
12.4
-65° to +125°
40
178
Push-On
335
5000
Gold or Passivated
157
Flexible
(RG-58/U)
Stainless Steel
OSSP
50
28
-65° to +125°
20
89
Push-On
335
5000
Gold or Passivated
169
Semi-Rigid
(RG-405/U)
Stainless Steel
OSSP
50
-65° to +125°
20
89
Push-On
250
5000
Gold or Passivated
169
Flexible
(RG-316/U)
Stainless Steel
SMB
50
4
-65° to +85°
20
89
Snap-On
335
500
Nickel
176
(RG-316/U)
SMC
50
10
-65° to +85°
20
89
Threaded
250
500
Gold
193
(RG-174/U)
50
6
-65° to +165°
20
32
Snap-On
500
500
Nickel
196
MCX
(RG-316/U)
Connectors
20
32
Snap-On
500
500
Nickel
196
75
6
-65° to +165°
(RG-187/U)
SMT Quick Grip
50
3
-40° to +125°
Omni-Flex
Snap-On
250
5
Gold
207
SSMT
50
6
-40° to +125°
Omni-Flex
Snap-On
250
100
Gold
212
MMCX
50
6
-55° to +155°
10
44.5
Snap-On
500
500
Gold
218
(RG-178/U)
Mini BNC
75
2
-40° to +85°
20
Bayonet
300
500
Nickel
78
(735A)
QMA
50
6
-40° to +125°
20
Quick Lock
335
100
Nickel
124
(RG-316/U)
Comp. Coax
50
4
-40° to +125°
N/A
N/A
125
25
Gold
204
50
10
-40° to +85°
Thread/
500
500
129
DIN 1.0/2.3
Snap/Slide
Thread/
500
500
129
75
2
-40° to +85°
Snap/Slide
Switching Coax
50
2.4
N/A
N/A
30,000
229
RF Coax Connectors


Similar Part No. - 6408037-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640866 MACOM-640866 Datasheet
186Kb / 1P
   MTA-156 CARD EDGE CONNECTOR ASSEMBLY, 22 AWG, PANEL MOUNT
More results

Similar Description - 6408037-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
SMB MACOM-SMB Datasheet
503Kb / 17P
   RF Coax Connectors
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
AVX Corporation
L06031R2CGSTR AVX-L06031R2CGSTR Datasheet
123Kb / 5P
   For RoHS compliant products, SMD High-Q RF Inductor
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com