Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6361137-1 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 6361137-1
Description  RF Coax Products
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6361137-1 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 6361137-1 Datasheet HTML 5Page - Tyco Electronics 6361137-1 Datasheet HTML 6Page - Tyco Electronics 6361137-1 Datasheet HTML 7Page - Tyco Electronics 6361137-1 Datasheet HTML 8Page - Tyco Electronics 6361137-1 Datasheet HTML 9Page - Tyco Electronics 6361137-1 Datasheet HTML 10Page - Tyco Electronics 6361137-1 Datasheet HTML 11Page - Tyco Electronics 6361137-1 Datasheet HTML 12Page - Tyco Electronics 6361137-1 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 320 page
background image
9
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
7-16 Series Connectors (Continued)
Straight Cable Plug
Solder/Solder
Ø 32.00 ± 0.20
[1.260 ± .008]
50.35 ± 0.50
[1.982 ± .020]
4.50
[.177]
Typ.
23.50
[.925]
Typ.
Ø 16.50 ± 0.20
[.650 ± .008]
Cable Type
Body Plating
Part No.
1/2" Corrugated
White Bronze/
1460159-1
Gold
43.5
[1.71]
32.0
[1.26]
Dia.
Cable Type
Body Plating
Part No.
RG 8A/U, RG 213/U
White Bronze
6331959-1
RG 9B/U, RG 214/U
White Bronze
6362765-1
43.0
[1.69]
34.3
[1.35]
32.0
[1.26]
Dia.
36.0
[1.42]
Assembled
Cable Type
Body Plating
Part No.
RG 58C/U, RG 141A/U
White Bronze
6408028-1
RG 213/U
White Bronze
6408030-1
RG 214/U
White Bronze
6312113-1
36.0
[1.42]
32.0
[1.26]
43.0
[1.69]
Right-Angle Cable Plug
Solder/Crimp
Straight Cable Plug
Crimp/Crimp
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.


Similar Part No. - 6361137-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
63611-45 ETC2-63611-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
63611-47 ETC2-63611-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
63611-49 ETC2-63611-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
63611-50 ETC2-63611-50 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
63611-58 ETC2-63611-58 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6361137-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
SMB MACOM-SMB Datasheet
503Kb / 17P
   RF Coax Connectors
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
AVX Corporation
L06031R2CGSTR AVX-L06031R2CGSTR Datasheet
123Kb / 5P
   For RoHS compliant products, SMD High-Q RF Inductor
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com