Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2004 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2004
Description  LIN J2602 Transceiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2004 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2004 Datasheet HTML 4Page - Microchip Technology MCP2004 Datasheet HTML 5Page - Microchip Technology MCP2004 Datasheet HTML 6Page - Microchip Technology MCP2004 Datasheet HTML 7Page - Microchip Technology MCP2004 Datasheet HTML 8Page - Microchip Technology MCP2004 Datasheet HTML 9Page - Microchip Technology MCP2004 Datasheet HTML 10Page - Microchip Technology MCP2004 Datasheet HTML 11Page - Microchip Technology MCP2004 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP2003/4/3A/4A
DS22230D-page 8
© 2010-2011 Microchip Technology Inc.
EXAMPLE 1-3:
TYPICAL LIN NETWORK CONFIGURATION
Master
µC
1k
Ω
VBB
Slave 1
µC
Slave 2
µC
Slave n <23
µC
40m
+ Return
LIN bus
LIN bus
MCP200X
LIN bus
MCP200X
LIN bus
MCP200X
LIN bus
MCP200X


Similar Part No. - MCP2004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2004 MICROCHIP-MCP2004 Datasheet
406Kb / 32P
   LIN J2602 Transceiver
2010
MCP2004-E/MD MICROCHIP-MCP2004-E/MD Datasheet
406Kb / 32P
   LIN J2602 Transceiver
2010
MCP2004-E/MD MICROCHIP-MCP2004-E/MD Datasheet
581Kb / 34P
   LIN J2602 Transceiver
03/25/14
MCP2004-E/P MICROCHIP-MCP2004-E/P Datasheet
406Kb / 32P
   LIN J2602 Transceiver
2010
MCP2004-E/P MICROCHIP-MCP2004-E/P Datasheet
581Kb / 34P
   LIN J2602 Transceiver
03/25/14
More results

Similar Description - MCP2004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
406Kb / 32P
   LIN J2602 Transceiver
2010
MCP2003 MICROCHIP-MCP2003_14 Datasheet
581Kb / 34P
   LIN J2602 Transceiver
03/25/14
logo
NXP Semiconductors
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
logo
Infineon Technologies A...
TLE7268 INFINEON-TLE7268 Datasheet
701Kb / 34P
   Dual LIN 2.2 / SAE J2602 Transceiver
Rev. 1.0 2017-09-14
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
   ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
TJA1029 NXP-TJA1029 Datasheet
529Kb / 24P
   LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
Rev. 1-8 January 2013
logo
Micon Design Technology...
PIC16F1829LIN MDTIC-PIC16F1829LIN Datasheet
1Mb / 74P
   20-Pin, 8-bit Flash LIN/J2602 Microcontroller
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com