Selected language     English  ▼


8-1415067-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 8-1415067-1
Description  Slimline PCB Relay SNR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
10-2012, Rev. 1012
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Slimline PCB Relay SNR (Continued)
Product code structure
Typical product code
V23092
-A
1
005
-A
3
01
Type
V23092 Slimline PCB relay SNR
Version
A PCB, vertical version
B PCB, flat pack version
S Plug-in, vertical version
Version
1
Wash tight
Coil
Coil code: please refer to coil versions table
Contact system
A Standard
Contact material
2
AgSnO2, gold plated
3
AgSnO2
8
AgNi 90/10
Contact configuration
01 1 form C contact (1 CO)
02 1 form A contact (1 NO)
NO version with 8/8mm clearance and creepage and other types on request
Product code
Version
Contact arrangement Contact material
Coil
Part number
V23092-A1005-A201
PCB
1 form C (CO) contact
AgSnO2, gold plated
5VDC
1393236-1
V23092-A1005-A202
vertical version
1 form A (NO) contact
8-1415067-1
V23092-A1005-A301
wash tight
1 form C (CO) contact
AgSnO2
1393236-2
V23092-A1005-A302
1 form A (NO) contact
9-1415067-1
V23092-A1005-A801
1 form C (CO) contact
AgNi 90/10
1-1415068-1
V23092-A1005-A802
1 form A (NO) contact
1415068-1
V23092-A1012-A201
1 form C (CO) contact
AgSnO2, gold plated
12VDC
1393236-4
V23092-A1012-A202
1 form A (NO) contact
1393236-5
V23092-A1012-A301
1 form C (CO) contact
AgSnO2
1393236-7
V23092-A1012-A302
1 form A (NO) contact
1393236-8
V23092-A1012-A801
1 form C (CO) contact
AgNi 90/10
1-1393236-3
V23092-A1012-A802
1 form A (NO) contact
2-1415068-1
V23092-A1024-A201
1 form C (CO) contact
AgSnO2, gold plated
24VDC
2-1393236-1
V23092-A1024-A202
1 form A (NO) contact
2-1393236-2
V23092-A1024-A301
1 form C (CO) contact
AgSnO2
2-1393236-4
V23092-A1024-A302
1 form A (NO) contact
2-1393236-5
V23092-A1024-A801
1 form C (CO) contact
AgNi 90/10
3-1393236-0
V23092-A1024-A802
1 form A (NO) contact
5-1415063-1
V23092-A1048-A201
1 form C (CO) contact
AgSnO2, gold plated
48VDC
3-1393236-5
V23092-A1048-A202
1 form A (NO) contact
3-1393236-6
V23092-A1048-A301
1 form C (CO) contact
AgSnO2
3-1393236-7
V23092-A1048-A302
1 form A (NO) contact
3-1393236-8
V23092-A1048-A801
1 form C (CO) contact
AgNi 90/10
3-1393236-9
V23092-A1048-A802
1 form A (NO) contact
3-1415068-1
V23092-S1005-A201
Plug-in
1 form C (CO) contact
AgSnO2, gold plated
5VDC
1956024-9
V23092-S1005-A301
vertical version
AgSnO2
1-1956024-0
V23092-S1012-A201
wash tight
AgSnO2, gold plated
12VDC
1956024-1
V23092-S1012-A301
AgSnO2
1956024-2
V23092-S1024-A201
AgSnO2, gold plated
24VDC
1956024-3
V23092-S1024-A301
AgSnO2
1956024-4
V23092-S1048-A201
AgSnO2, gold plated
48VDC
1956024-5
V23092-S1048-A301
AgSnO2
1956024-6
V23092-S1060-A201
AgSnO2, gold plated
60VDC
1956024-7
V23092-S1060-A301
AgSnO2
1956024-8




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl