Electronic Components Datasheet Search |
|
PSOSSSO3A Datasheet(PDF) 7 Page - Tyco Electronics |
|
PSOSSSO3A Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 9 page 198 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. Corcom Product Guide Catalog: 1654001 Issue Date: 06.2011 For email, phone or live chat, please go to te.com/help corcom.com P Series Versatile Power Entry Module with Small Footprint (continued) Case Styles (continued) Shield Options Recommended Panel Cutout “B” “A” .06 1.524 R .135 3.43 Mounting Hole Diameter Cutout 1.575 40.00 PE 2.496 63.40 PM Style Dimension “A” +.008 - .000 Dimension “B” +.008 - .000 No Shield Shielded High Performance Standard High Performance PM 1.06 [26.92] 1.12 [28.45] 1.12 [28.45] 2.13 [54.10] 2.201 [55.91] PE 1.12 [28.45] 1.12 [28.45] 1.15 [29.21] 2.201 [55.91]* 2.201 [55.91] PS 1.06 [26.92] 1.12 [28.45] - 2.201 [55.91]* - PSC 1.06 [26.92] 1.12 [28.45] - 2.52 [64.01] - PSJ 1.06 [26.92] 1.12 [28.45] - 2.60 [66.04] - PSL 1.12 [28.45] - - 2.201 [55.91]* - Note: For snap-in applications, the “A” sides must have a .020 [.508] radius on the installation side. Dimensions are for front mount applications. Rear mount dimensions should be determined based on customer’s application parameters. Snap-in models allow for front mounting only. Not recommended for use in plastic panels. Note: Shields can only be used with filtered models. B shield may not be used with J or C extender *For panel thickness of 0.031 - 0.079 [0.787 - 2.01] only. Use 2.213 [56.21] for panel thickness of 0.083 - 0.114 [2.0 - 2.90] “A” Shield “B” Shield 2.19 55.63 2.19 55.63 |
Similar Part No. - PSOSSSO3A |
|
Similar Description - PSOSSSO3A |