Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT134006F Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT134006F
Description  16 Amp PC Board Miniature Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT134006F Datasheet(HTML) 1 Page - Tyco Electronics

  RT134006F Datasheet HTML 1Page - Tyco Electronics RT134006F Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
446
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (pdf revised 1-06)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
RT series (DC Coil)
16 Amp PC Board
Miniature Relay
File E22575
File LR15734
NR 6106
Users should thoroughly review the technical data before selecting a product
part number. It is recommended that users also seek out the pertinent
approvals files of the agencies/laboratories and review them to ensure the
product meets the requirements for a given application.
Features
• SPST through DPDT contact arrangements.
• Immersion cleanable and flux tight versions available.
• VDE 10mm spacing, 5kV dielectric, coil to contacts.
• UL Class F (155°C) coil insulation system.
• Conforms to UL 508, 1873, 353 and 1950.
• Low profile; 15.7mm height.
• Sensitive coil; 400mW.
• Withstand surge voltage of 10,000V.
• Potter & Brumfield or Schrack brand.
Contact Data
Arrangements: 1 Form A (SPST-NO) Wiring Diagram Code 1, 2,3.
2 Form A (DPST-NO) Wiring Diagram Code 5.
1 Form C (SPDT) Wiring Diagram Code 1, 2, 3.
2 Form C (DPDT) Wiring Diagram Code 5.
Material: Silver-nickel 90/10.
Minimum Load: 12V/100mA.
Expected Mechanical Life: 10 million operations.
Initial Contact Resistance: 100 milliohms max @ 1A 12VDC.
Designed to meet UL/CSA/VDE ratings @ 25°C with relay
properly vented. Remove vent nib after soldering and
cleaning.
Ratings @ 25°C
Initial Dielectric Strength
Between Open Contacts: >1,000VAC (1 minute).
Between Poles (code 5): >2,500VAC (1 minute).
Between Coil and Contacts: >5,000VAC (1 minute).
Surge Voltage (DC): >10,000VAC x (1.2 x 50 µsec).
Coil Data @ 25°C
Voltage: 5 to 110VDC.
Nominal Power @ 25°C: 400mW.
Duty Cycle: Continuous.
Initial Insulation Resistance: 10,000 megohms, min., at 25°C, 500VDC
and 50% rel. humidity.
Coil Construction: UL Class F (155°C).
Operate Data @ 25°C
Must Operate Voltage(DC): 70% of nominal.
Must Release Voltage(DC): 10% of nominal.
Operate Time (Excluding Bounce):
7 ms, typ., 15ms max. at nom. voltage.
Release Time (Excluding Bounce):
3 ms, typ., 6ms max. at nom. voltage.
Environmental Data
Temperature Range:
Storage: -40°C to +105°C.
Operating: -40°C to +85°C at rated current.
Vibration, Operational
N.O.:0.065”(1.65mm) max. excursions from 10 - 55 Hz:
N.C.:0.032”(0.82mm) max. excursions from 10 - 55 Hz:
with no contact opening >10µs.
Mechanical Data
Termination: Printed circuit terminals.
Enclosures: RT 1, 2, 3, 4: Flux-tight, top vented, plastic case.
RT B, C, D, E: Immersion cleanable, plastic case.
Weight: 0.35 oz. (10g) approximately.
DC
Must
Nominal
Nominal
Resistance
Operate
Coil
Voltage
in Ohms
Voltage
Current
VDC
±10%
VDC
(mA) – 50/60Hz.
005
62
3.5
80
006
90
4.2
66.7
009
202
6.3
44.4
012
360
8.4
33.3
018
810
12.6
22.2
024
1,440
16.8
16.7
048
5,760
33.6
8.3
060
9,000
42.0
8.0
110
30,250
77.0
4.3
Coil Data @ 25°C
Max. Ambient Temp. vs. Coil Voltage
60
100
140
180
220
260
300
0
20
40
60
80
100
0 A
A
B
Max. Allowable Ambient Temp. (°C)
8 A
16A
12A
A: Coil temperature = Ambient temperature.
B: 110% of nominal coil voltage at rated contact load.
* Form A only
** Form B only
Code
NO/NC Load
Type
Operations
1
10A/10A @ 277VAC
Resistive/GP
100K
10A/10A @ 30VDC
Resistive
100K
12A/12A @ 250VAC
Resistive/GP
30K
12A/12A @ 30VDC
Resistive
30K
3/4 HP @ 480VAC*
Motor
6K
1/2 HP @ 240VAC*
Motor
6K
1/3 HP @ 120VAC*
Motor
6K
48 LRA/10 FLA @ 240VAC*
Motor
30K
TV-3 @ 120VAC*
Tungsten
25K
A300, 720VA @ 240VAC*
Pilot Duty
30K
3
16A/16A @ 250VAC
Resistive/GP
50K
20A/20A @ 277VAC
Resistive/GP
30K
20A/20A @ 24VDC
Resistive
30K
16A/16A @ 30VDC
Resistive
30K
1 HP @ 480VAC*
Motor
6K
1 HP @ 240VAC*
Motor
6K
1/2 HP @ 120VAC*
Motor
6K
60 LRA/10 FLA @ 250VAC*
Motor
30K
TV-5 @ 120VAC*
Tungsten
25K
A300, 720VA @ 240VAC*
Pilot Duty
30K
B300, 360VA @ 240VAC**
Pilot Duty
30K
5
8A/8A @ 277VAC
Resistive/GP
100K
8A/8A @ 30VDC
Resistive
100K
10A/10A @ 250VAC
Resistive/GP
30K
10A/10A @ 30VDC
Resistive
30K
1/2 HP @ 240VAC*
Motor
6K
1/4 HP @ 120VAC*
Motor
6K
34.8 LRA/6 FLA @ 120VAC*
Motor
30K
17.4 LRA/5 FLA @ 240VAC*
Motor
30K
B300, 360VA @ 240VAC*
Pilot Duty
30K
TV-3 @120VAC*
Tungsten
25K


Similar Part No. - RT134006F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RT134012 SIEMENS-RT134012 Datasheet
193Kb / 8P
   Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
Tyco Electronics
RT134012 MACOM-RT134012 Datasheet
286Kb / 4P
   Power PCB Relay
RT134012 MACOM-RT134012 Datasheet
243Kb / 4P
   Power PCB Relay RT1
RT134012 MACOM-RT134012 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RT134012F TEC-RT134012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
More results

Similar Description - RT134006F

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
logo
List of Unclassifed Man...
AZ942 ETC-AZ942 Datasheet
47Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1419108-5 MACOM-2-1419108-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-7 MACOM-2-1419108-7 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-4 MACOM-2-1419108-4 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
logo
American Zettler, Inc.
AZ942 AZETTLER-AZ942 Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942 ZETTLER-AZ942 Datasheet
105Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1419108-6 MACOM-2-1419108-6 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1393237-5 MACOM-2-1393237-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com