Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE4400 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4400
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4400 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE4400 Datasheet HTML 5Page - Texas Instruments AFE4400 Datasheet HTML 6Page - Texas Instruments AFE4400 Datasheet HTML 7Page - Texas Instruments AFE4400 Datasheet HTML 8Page - Texas Instruments AFE4400 Datasheet HTML 9Page - Texas Instruments AFE4400 Datasheet HTML 10Page - Texas Instruments AFE4400 Datasheet HTML 11Page - Texas Instruments AFE4400 Datasheet HTML 12Page - Texas Instruments AFE4400 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
A7
A6
A1
A0
SPI STE
SPI SIMO
SCLK
tSTECLK
tSIMOSU
tSIMOHD
31
0
D23
D22
D1
D0
23
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
PARAMETRIC MEASUREMENT INFORMATION (continued)
Figure 2. Serial Interface Timing Diagram, Write Operation
Table 1. Timing Requirements for Figure 1 and Figure 2
PARAMETER
MIN
TYP
MAX
UNIT
tCLK
Clock frequency on XIN pin
8
MHz
tSCLK
Serial shift clock period
62.5
ns
tSTECLK
STE low to SCLK rising edge, setup time
10
ns
tCLKSTEH,L
SCLK transition to SPI STE high or low
10
ns
tSIMOSU
SIMO data to SCLK rising edge, setup time
10
ns
tSIMOHD
Valid SIMO data after SCLK rising edge, hold time
10
ns
tSOMIPD
SCLK falling edge to valid SOMI, setup time
17
ns
tSOMIHD
SCLK rising edge to invalid data, hold time
0.5
tSCLK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AFE4400


Similar Part No. - AFE4400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4400 TI-AFE4400 Datasheet
1Mb / 70P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
AFE4400 TI1-AFE4400 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4400RHAR TI1-AFE4400RHAR Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4400RHAT TI1-AFE4400RHAT Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
More results

Similar Description - AFE4400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
[Old version datasheet]   AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI-AFE4490 Datasheet
1Mb / 70P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
   Fitness and activity heart rate monitors
AD8232 AD-AD8232 Datasheet
652Kb / 28P
   Single-Lead, Heart Rate Monitor Front End
REV. A
AD8232ACPZ AD-AD8232ACPZ Datasheet
652Kb / 28P
   Single-Lead, Heart Rate Monitor Front End
REV. A
AD8232 AD-AD8232_17 Datasheet
755Kb / 29P
   Single-Lead, Heart Rate Monitor Front End
logo
Texas Instruments
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com