Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSK-S20-5U Datasheet(PDF) 3 Page - CUI INC

Part # VSK-S20-5U
Description  AC-DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-S20-5U Datasheet(HTML) 3 Page - CUI INC

  VSK-S20-5U Datasheet HTML 1Page - CUI INC VSK-S20-5U Datasheet HTML 2Page - CUI INC VSK-S20-5U Datasheet HTML 3Page - CUI INC VSK-S20-5U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date
08/21/2012
│ page 3 of 4
CUI Inc
│ SERIES: VSK-S20 │ DESCRIPTION: AC-DC POWER SUPPLY
DERATING CURVES
Input Voltage (Vac)
100
80
60
50
40
20
70
85
100
125
210
225
240
264
Ambient Temperature (°C)
100
80
60
50
40
20
-40
-30 -25 -20
-10
0
10
50
60
70
1. output power vs. ambient temperature
2. output power vs. input voltage
(TYP)
70.0 2.756
6.0 0.236
23.5 0.925
BOTTOM VIEW
5
3
2
1
6
4
5.75 0.226
0.787
20.0
0.787
20.0
0.157
(3 PLCS)
4.0
0.157
(3 PLCS)
2.441
62.0
0.906
23.0
4.0
48.0 1.890
MECHANICAL DRAWING
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.75 x 1.89 x 0.92 (70.0 x 48.0 x 23.5 mm)
inch
case material
UL94V-0
PIN CONNECTIONS
PIN
FUNCTION
1
GND
2
AC(N)
3
AC(L)
4
Trim
5-Vo
6+Vo
units: mm [inches]
tolerance: ±0.5 [±0.02]


Similar Part No. - VSK-S20-5U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S20-5U CUI-VSK-S20-5U Datasheet
390Kb / 7P
   AC-DC POWER SUPPLY
VSK-S20-5U-T CUI-VSK-S20-5U-T Datasheet
284Kb / 5P
   AC-DC POWER SUPPLY
VSK-S20-5U-T CUI-VSK-S20-5U-T Datasheet
435Kb / 7P
   AC-DC POWER SUPPLY
06/11/2015
More results

Similar Description - VSK-S20-5U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com