Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24258 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ24258
Description  2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24258 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24258 Datasheet HTML 3Page - Texas Instruments BQ24258 Datasheet HTML 4Page - Texas Instruments BQ24258 Datasheet HTML 5Page - Texas Instruments BQ24258 Datasheet HTML 6Page - Texas Instruments BQ24258 Datasheet HTML 7Page - Texas Instruments BQ24258 Datasheet HTML 8Page - Texas Instruments BQ24258 Datasheet HTML 9Page - Texas Instruments BQ24258 Datasheet HTML 10Page - Texas Instruments BQ24258 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
bq24257
bq24258
www.ti.com
SLUSBG0B – FEBRUARY 2013 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS (continued)
bq24257 App Circuit, VUVLO < VIN < VOVP AND VIN > VBAT+VSLP, TJ = 0°C – 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Deglitch time for IN Rising above
tDGL(OVP)
IN rising voltage, tRISE = 100ns
32
ms
VOVP
VBAT threshold over VBATREG to turn off
Battery OVP threshold voltage
102.5
105
107.5 % VBATREG
charger during charge
VBOVP
Lower limit for VBAT falling from above
VBATOVP hysteresis
1
VBOVP
tDGL(BOVP)
BOVP Deglitch
Battery entering/exiting BOVP
1
ms
PWM CONVERTER
Internal blocking MOSFET on-
Measured from IN to PMID (WCSP and
RON(BLK)
60
100
m
Ω
resistance
QFN)
Internal high-side MOSFET on-
Measured from IN to SW (WCSP and
RON(HS)
100
150
m
Ω
resistance
QFN)
Internal low-side MOSFET on-
Measured from SW to PGND (WCSP and
RON(LS)
110
165
m
Ω
resistance
QFN)
ICbC
Cycle-by-cycle current limit
VSYS shorted
2.6
3.2
3.8
A
fOSC
Oscillator frequency
2.7
3
3.3
MHz
DMAX
Maximum duty cycle
95%
DMIN
Minimum duty cycle
0%
Thermal trip
150
TSHTDWN
Thermal hysteresis
10
°C
TREG
Thermal regulation threshold
Charge current begins to cut off
125
LDO
VLDO
LDO Output Voltage
VIN = 5.5V, ILDO = 0 to 50 mA
4.65
4.85
5.04
V
ILDO
Maximum LDO Output Current
50
mA
VLDO
LDO Dropout Voltage (VIN – VLDO)
VIN = 5 V, ILDO = 50 mA
200
300
mV
BATTERY-PACK NTC MONITOR
VHOT
High temperature threshold
VTS falling
29.6
30
30.4
%VLDO
VHYS(HOT)
Hysteresis on high threshold
VTS rising
1
VWARM
Warm temperature threshold
VTS falling
37.9
38.3
38.7
%VLDO
Hysteresis on warm temperature
VHYS(WARM)
VTS rising
1
threshold
VCOOL
Cool temperature threshold
VTS rising
56.5
56.5
56.9
%VLDO
Hysteresis on cool temperature
VHSY(COOL)
VTS falling
1
threshold
VCOLD
Low temperature threshold
VTS rising
59.6
60
60.4
%VLDO
VHYS(COLD)
Hysteresis on low threshold
VTS falling
1
VTS_DIS
TS disable threshold
70
73
%VLDO
tDGL(TS)
Deglitch time on TS change
32
ms
INPUTS (DBP, EN1, EN2, EN3, CE, SCL, SDA)
VIH
Input high threshold
1
V
VIL
Input low threshold
0.4
V
STATUS OUTPUTS (STAT, PG, CHG)
VOL
Low-level output saturation voltage
IO = 5 mA, sink current
0.4
V
IIH
High-level leakage current
Hi-Z and 5 V applies
1
uA
TIMERS
tSAFETY
45 min safety timer
2700
s
6 hr safety timer
21600
s
9 hr safety timer
32400
s
tWATCH-DOG
Watch dog timer
50
s
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq24257 bq24258


Similar Part No. - BQ24258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results

Similar Description - BQ24258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
FP8203 FEELING-FP8203 Datasheet
654Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
logo
Texas Instruments
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com