Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSK-S15-T Datasheet(PDF) 2 Page - CUI INC

Part # VSK-S15-T
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-S15-T Datasheet(HTML) 2 Page - CUI INC

  VSK-S15-T Datasheet HTML 1Page - CUI INC VSK-S15-T Datasheet HTML 2Page - CUI INC VSK-S15-T Datasheet HTML 3Page - CUI INC VSK-S15-T Datasheet HTML 4Page - CUI INC VSK-S15-T Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
09/06/2012 │ page 2 of 5
CUI Inc
│ SERIES: VSK-S15-T │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
120
264
370
Vac
Vdc
frequency
47
63
Hz
input current
at 110 Vac
at 230 Vac
250
140
mA
mA
inrush current
at 110 Vac
at 230 Vac
10
20
A
A
recommended external input
fuse
2 A / 250 V, slow-blow type
OUTPUT
parameter
conditions/description
min
typ
max
units
voltage set accuracy
±2
%
line regulation
±0.5
%
load regulation
at 10~100% load
±1
%
minimum load
0%
hold-up time
at 230 Vac
80
ms
temperature coefficient
0.02
%/°C
switching frequency
65
kHz
PROTECTIONS
parameter
conditions/description
over voltage protection
3.3 and 5 V models
9 V model
12 and 15 V models
24 V model
48 V model
7.5
12
20
30
60
Vdc
Vdc
Vdc
Vdc
Vdc
overload protection
110
%
short circuit protection
shutdown and auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute
3,000
Vac
safety approvals
CISPR22/EN 60950-1, IEC 60950-1, UL 60950-1
safety class
Class I
EMI/EMC
EN 55022 class B, IEC/EN 61000-4-(2, 3, 4, 5)
leakage current
at 230 Vac, 50 Hz
0.3
mA
MTBF
at 25°C, max. load
300,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
70
°C
storage temperature
-40
105
°C
case temperature
90
°C
humidity
non-condensing
85
%


Similar Part No. - VSK-S15-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S15-T CUI-VSK-S15-T Datasheet
380Kb / 6P
   AC-DC POWER SUPPLY
06/10/2015
More results

Similar Description - VSK-S15-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com