Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251920B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 251920B
Description  140.0 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251920B Datasheet(HTML) 1 Page - Integrated Technology Future

  251920B Datasheet HTML 1Page - Integrated Technology Future 251920B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
140.0 MHz SAW Filter
Part Number 251920B
Tel: 82-32-621-1213
2010. 09.14
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 19.79 MHz
High attenuation
Single Ended Operation
Dual In-line Package (DIP)
2. Electrical Specifications
Source and Load Impedance = 50
Operating Temperature :
+25℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
140.0
-
Insertion Loss
dB
-
25.5
27.0
2dB Bandwidth
MHz
19.75
19.79
19.85
25dB Bandwidth
MHz
-
20.57
20.65
40dB Bandwidth
MHz
-
20.75
-
Amplitude Ripple (fo ± 9.65 MHz)
dB
-
0.7
1.0
Group Delay Variation (fo ± 9.65 MHz)
nsec
-
60
150
Absolute Delay
usec
-
2.92
-
Ultimate Rejection
dB
45
50
-
Temperature Coefficient of Frequency
ppm/℃
-
-84
-
D3512 Package Dimension
Matching Schematic
Pin Configuration
Input
1
Ground
2,4
7.6±0.2
6.0max
5.5max
12.8±0.5
Dimensions shown are nominal in millimeters
Base : Fe(SPCC), Au plating over Ni plated
Cap : Cu & Cr Alloy, Ni Plated
Termination : Kovar, Au Plated
Output
5
Others
Ground
Input
50Ω
Output
50Ω
39nH
1
5
39nH
22pF
22pF


Similar Part No. - 251920B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25192 ALPHAWIRE-25192 Datasheet
93Kb / 4P
   Customer Specification
1/9/2023
logo
Integrated Technology F...
251924B ITF-251924B Datasheet
167Kb / 2P
   160.0 MHz SAW Filter
251925B ITF-251925B Datasheet
167Kb / 2P
   Typical 1dB bandwidth of 19.3 MHz
251926B ITF-251926B Datasheet
156Kb / 2P
   Typical 1dB bandwidth of 19.4 MHz
251929B ITF-251929B Datasheet
160Kb / 2P
   Typical 1dB bandwidth of 19.4 MHz
More results

Similar Description - 251920B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250421B ITF-250421B Datasheet
199Kb / 2P
   140.0 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2140A MURATA-SF2140A Datasheet
97Kb / 5P
   140.0 MHz SAW Filter
logo
Integrated Technology F...
251302B ITF-251302B Datasheet
167Kb / 2P
   140.0 MHz SAW Filter
250111B ITF-250111B Datasheet
193Kb / 2P
   140.0 MHz SAW Filter
250308B ITF-250308B Datasheet
187Kb / 2P
   140.0 MHz SAW Filter
250510B ITF-250510B Datasheet
179Kb / 2P
   140.0 MHz SAW Filter
250607B ITF-250607B Datasheet
165Kb / 2P
   140.0 MHz SAW Filter
250009B ITF-250009B Datasheet
166Kb / 2P
   140.0 MHz SAW Filter
250154B ITF-250154B Datasheet
180Kb / 2P
   140.0 MHz SAW Filter
252302B ITF-252302B Datasheet
165Kb / 2P
   140.0 MHz SAW Filter
250802B ITF-250802B Datasheet
167Kb / 2P
   140.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com