Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC3296 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC3296
Description  Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC3296 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC3296 Datasheet HTML 1Page - Fairchild Semiconductor KSC3296 Datasheet HTML 2Page - Fairchild Semiconductor KSC3296 Datasheet HTML 3Page - Fairchild Semiconductor KSC3296 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
0.01
0.1
1
10
1
10
100
1000
VCE = 10V
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
IC = 10 IB
IC[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
1s
IC MAX. (DC)
IC MAX. (Pulse)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
TC[
o
C], CASE TEMPERATURE


Similar Part No. - KSC3296

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSC321G ITT-KSC321G Datasheet
250Kb / 5P
   KSC Series Sealed Tact Switch for SMT
logo
C&K Components
KSC321G50LFG CK-COMPONENTS-KSC321G50LFG Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
KSC321G50LFS CK-COMPONENTS-KSC321G50LFS Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
logo
ITT Industries
KSC321G50SHLFG ITT-KSC321G50SHLFG Datasheet
316Kb / 5P
   Sealed Tact Switch for SMT
KSC321G50SHLFS ITT-KSC321G50SHLFS Datasheet
316Kb / 5P
   Sealed Tact Switch for SMT
More results

Similar Description - KSC3296

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com