Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT41GS6MFR8A-PB Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT41GS6MFR8A-PB
Description  DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GS6MFR8A-PB Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT41GS6MFR8A-PB Datasheet HTML 7Page - Hynix Semiconductor HMT41GS6MFR8A-PB Datasheet HTML 8Page - Hynix Semiconductor HMT41GS6MFR8A-PB Datasheet HTML 9Page - Hynix Semiconductor HMT41GS6MFR8A-PB Datasheet HTML 10Page - Hynix Semiconductor HMT41GS6MFR8A-PB Datasheet HTML 11Page - Hynix Semiconductor HMT41GS6MFR8A-PB Datasheet HTML 12Page - Hynix Semiconductor HMT41GS6MFR8A-PB Datasheet HTML 13Page - Hynix Semiconductor HMT41GS6MFR8A-PB Datasheet HTML 14Page - Hynix Semiconductor HMT41GS6MFR8A-PB Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Rev. 1.0 / Jul. 2012
11
8GB, 1Gx64 Module(2Rank of x8)
DQS3
DQS3
DM3
DQ[24:31]
DQS
DQS
DM
DQ [0:7]
D11
240ohm
ZQ
+/-1%
Vtt
LDQS
LDQS
LDM
DQ [0:7]
D3
240ohm
ZQ
+/-1%
A2
Temp Sensor
SDA
D0–D15
VDDSPD
SPD/TS
D0–D15
VREFCA
SCL
Vtt
D0–D15
VDD
EVENT
A1
A0
SCL
SA0
SA1
(with SPD)
EVENT
A2
SDA
SCL
WP
A1
A0
SCL
SA0
SA1
(SPD)
Vtt
VREFDQ
VSS
CK0
CK0
CK1
CK1
CKE0
CKE1
D0–D15, SPD, Temp sensor
D0–D7
D8–D15
D0-D7
D8-D15
NOTES
1. DQ wiring may differ from that shown
however, DQ, DM, DQS, and DQS rela-
tionships are maintained as shown
Rank 0
D0–D7
D8–D15
Rank 1
DQS1
DQS1
DM1
DQ[8:15]
DQS
DQS
DM
DQ [0:7]
D1
240ohm
ZQ
+/-1%
LDQS
LDQS
LDM
DQ [0:7]
D9
240ohm
ZQ
+/-1%
DQS0
DQS0
DM0
DQ[0:7]
DQS
DQS
DM
DQ [0:7]
D0
240ohm
ZQ
+/-1%
LDQS
LDQS
LDM
DQ [0:7]
D8
240ohm
ZQ
+/-1%
DQS4
DQS4
DM4
DQ[32:39]
DQS6
DQS6
DM6
DQ[48:55]
DQS7
DQS7
DM7
DQ[56:43]
DQS5
DQS5
DM5
DQ[40:47]
Vtt
Vtt
VDD
VDD
Cterm
Cterm
D12
D4
DQS
DQS
DM
DQ [0:7]
240ohm
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
240ohm
ZQ
+/-1%
D6
D14
DQS
DQS
DM
DQ [0:7]
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
ZQ
+/-1%
240ohm
240ohm
D7
D15
DQS
DQS
DM
DQ [0:7]
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
ZQ
+/-1%
240ohm
240ohm
DQS2
DQS2
DM2
DQ[6:23]
DQS
DQS
DM
DQ [0:7]
D2
240ohm
ZQ
+/-1%
LDQS
LDQS
LDM
DQ [0:7]
D10
240ohm
ZQ
+/-1%
D5
D13
DQS
DQS
DM
DQ [0:7]
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
ZQ
+/-1%
240ohm
240ohm
S0
ODT0
S1
ODT1
EVENT
RESET
D0–D7
D8–D15
Temp Sensor
D0-D15
D0–D7
D8–D15
The SPD may be
integrated with the Temp
Sensor or may be
a separate component
D0
V9
D1
D11
D2
D14
D15
D9
D8
D10
D3
D12
D5
D7
D6
Vtt
V1
V2
V3
V4
V5
V6
V8
V7
V6
V8
V7
V5
V9
V1
V4
V3
V2
D13
D4


Similar Part No. - HMT41GS6MFR8A-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GS6MFR8C HYNIX-HMT41GS6MFR8C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GS6MFR8C-G7 HYNIX-HMT41GS6MFR8C-G7 Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GS6MFR8C-H9 HYNIX-HMT41GS6MFR8C-H9 Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GS6MFR8C-PB HYNIX-HMT41GS6MFR8C-PB Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
More results

Similar Description - HMT41GS6MFR8A-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT451S6BFR8A HYNIX-HMT451S6BFR8A Datasheet
744Kb / 51P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb B-die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GU6MFR8A HYNIX-HMT41GU6MFR8A Datasheet
1Mb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT325S6EFR8A HYNIX-HMT325S6EFR8A Datasheet
1,022Kb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425U6AFR6A HYNIX-HMT425U6AFR6A Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT451U6DFR8A HYNIX-HMT451U6DFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb D-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com