Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC3503DSTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KSC3503DSTU
Description  CRT Display, Video Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC3503DSTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KSC3503DSTU Datasheet HTML 1Page - Fairchild Semiconductor KSC3503DSTU Datasheet HTML 2Page - Fairchild Semiconductor KSC3503DSTU Datasheet HTML 3Page - Fairchild Semiconductor KSC3503DSTU Datasheet HTML 4Page - Fairchild Semiconductor KSC3503DSTU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics (Continued)
Figure 7. Reverse Transfer Capacitance
Figure 8. Current Gain Gandwidth Product
Figure 9. Safe Operating Area
Figure 10. Power Derating
0.1
1
10
100
1000
0.1
1
10
100
f=1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1000
1
10
100
1000
VCE = 30V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
1
10
100
1000
DC
(T
a
=
25
o
C)
10ms
1ms
IC MAX. (Pulse)
IC MAX.
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
Ta
Tc
T[
o
C], TEMPERATURE


Similar Part No. - KSC3503DSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC3503DSTU FAIRCHILD-KSC3503DSTU Datasheet
154Kb / 6P
   NPN Epitaxial Silicon Transistor
KSC3503DSTU FAIRCHILD-KSC3503DSTU Datasheet
159Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - KSC3503DSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1381 FAIRCHILD-KSA1381 Datasheet
73Kb / 5P
   CRT Display, Video Output
KSA1406 FAIRCHILD-KSA1406 Datasheet
71Kb / 5P
   CRT Display, Video Output
KSC3502 FAIRCHILD-KSC3502 Datasheet
58Kb / 5P
   CRT Display, Video Output
KSC3953 FAIRCHILD-KSC3953 Datasheet
51Kb / 5P
   CRT Display Video Output
KSA1370 FAIRCHILD-KSA1370 Datasheet
45Kb / 5P
   Crt Display, Video Output
logo
Sanyo Semicon Device
VP453 SANYO-VP453 Datasheet
90Kb / 5P
   CRT Display Video Output Amplifier
VP553 SANYO-VP553 Datasheet
92Kb / 5P
   CRT Display Video Output Amplifier
2SA1381 SANYO-2SA1381 Datasheet
137Kb / 4P
   High-Definition CRT Display, Video Output
2SA1380 SANYO-2SA1380 Datasheet
136Kb / 4P
   Ultrahigh-Definition CRT Display, Video Output Applications???
2SA1402 SANYO-2SA1402 Datasheet
117Kb / 4P
   Ultrahigh-Definition CRT Display Video Output Applications?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com