Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

253054B Datasheet(PDF) 3 Page - Integrated Technology Future

Part # 253054B
Description  Bandpass Filter 253054B
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

253054B Datasheet(HTML) 3 Page - Integrated Technology Future

  253054B Datasheet HTML 1Page - Integrated Technology Future 253054B Datasheet HTML 2Page - Integrated Technology Future 253054B Datasheet HTML 3Page - Integrated Technology Future 253054B Datasheet HTML 4Page - Integrated Technology Future 253054B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bandpass Filter 253054B
Part No.
253054B
Rev. Date
2008-04-15
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ7017-AS01
3/5
L2
C2
Input
50Ω
Output
50Ω
C1
L1
4. Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
L1 = 82 nH,
L2 = 47 nH
C1 = 13 pF,
C2 = 36 pF
5. Marking Configuration
ITF
1) 07A0012)
253054B
3)
4)
1) Manufacturer name
2) Lot Number
3) Part Number
4) Pad Number 1 Index


Similar Part No. - 253054B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
253051B ITF-253051B Datasheet
199Kb / 5P
   SAW Bandpass Filter
logo
Weidmuller
2530550000 WEIDMULLER-2530550000 Datasheet
557Kb / 4P
   VPU PV II 3 1000
logo
Integrated Technology F...
253055B ITF-253055B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 29.9 MHz
253056B ITF-253056B Datasheet
179Kb / 2P
   Typical 1dB bandwidth of 29.8 MHz
logo
Weidmuller
2530570000I WEIDMULLER-2530570000I Datasheet
423Kb / 4P
   VPU PV III 0 1500
More results

Similar Description - 253054B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com