Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCJ-013-SMT Datasheet(PDF) 1 Page - CUI INC

Part # RCJ-013-SMT
Description  SMD RCA SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

RCJ-013-SMT Datasheet(HTML) 1 Page - CUI INC

  RCJ-013-SMT Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.244
(2 PLCS)
0.209
5.3
0.008
0.20
6.2
10.2 0.402
6.50 0.256
5.7 0.224
0.059
0.472
12.0
8.3
(3 PLCS)
(2 PLCS)
0.327
1.5
0.146
0.039
11.0
1.00
3.70
0.433
0.1 0.004
UNITS:
PART NO.
ZRJ
3:1
RCJ-01X-SMT
SMD RCA SOCKET
COPYRIGHT 2012 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
RCJ-01X-SMT
PC FILE NAME:
APPROVED BY:
DRAWN BY:
REV:
Orange
Yellow
White
Red
LIFE: 5,000 CYCLES
OPERATING TEMP: -25°
~ +85°C
X.X ±0.2mm
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
X.XXX ±0.05mm
B
MATERIAL
SHELL
COLOR
X.XX ±0.1mm
TOLERANCE:
Tin
Black
BRACKET
C.R. Steel
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
CONTACT RESISTANCE: 25m OHMS MAX
Tin
CENTER CONTACT
INSULATOR
PLATING
PA66
SPECIFICATIONS:
Website: www.cui.com
Tin
Brass
COLOR INDEX
PART NO.
RCJ-011-SMT
RCJ-012-SMT
RCJ-013-SMT
RCJ-014-SMT
RCJ-017-SMT
800-275-4899
Fax: 503-372-1266
Brass
RoHS
2
SCHEMATIC
MODEL NO.
1
RCJ-01X-SMT
2.20X2.5
(2 PLCS)
1
2.20X2.60
1.00X1.60
1
PCB LAYOUT
TOP VIEW
1
2
0.264
6.70
0.327
8.3
1.2 0.047
REV.
DESCRIPTION
DATE
A
NEW DRAWING
3/2/2006
B
added TR package option
11/7/2012
Note:
Add suffix “-TR” to the model number for
tape & reel packaging
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300


Similar Part No. - RCJ-013-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
RCJ-013 CUI-RCJ-013 Datasheet
268Kb / 1P
   RCA Jack, Metal, Right Angle, PCB Mount
RCJ-013 CUI-RCJ-013 Datasheet
81Kb / 1P
   RCA Jack, Metal, Right Angle, PCB Mount
More results

Similar Description - RCJ-013-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
RCJ-01X-SMT CUI-RCJ-01X-SMT Datasheet
90Kb / 1P
   SMD RCA SOCKET
logo
Neutrik AG
NA2BBNC-D4B NEUTRIK-NA2BBNC-D4B Datasheet
53Kb / 2P
   BNC socket - RCA / phono socket, yellow coded
NA2BBNC-D9B NEUTRIK-NA2BBNC-D9B Datasheet
56Kb / 2P
   BNC socket - RCA / phono socket, white coded
logo
Dubilier
DBCRCA0843 DUBILIER-DBCRCA0843 Datasheet
201Kb / 1P
   AUDIO RCA JACK RIGHT ANGLED SOCKET
DBCRCS0848A-2B DUBILIER-DBCRCS0848A-2B Datasheet
76Kb / 1P
   AUDIO RCA JACK RIGHT ANGLED SOCKET
DBCRCA0848A-2B DUBILIER-DBCRCA0848A-2B_11 Datasheet
289Kb / 2P
   AUDIO RCA JACK RIGHT ANGLED SOCKET
logo
Neutrik AG
NA2MPMF NEUTRIK-NA2MPMF Datasheet
51Kb / 2P
   3 pole XLR male ??RCA / Phono socket
NA2FPMF NEUTRIK-NA2FPMF Datasheet
51Kb / 2P
   3 pole XLR female ??RCA / phono socket
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
   RCA Jack, RCA Plug
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com