Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2F200M3F-FGG208 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # A2F200M3F-FGG208
Description  SmartFusion Customizable System-on-Chip (cSoC)
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200M3F-FGG208 Datasheet(HTML) 1 Page - Microsemi Corporation

  A2F200M3F-FGG208 Datasheet HTML 1Page - Microsemi Corporation A2F200M3F-FGG208 Datasheet HTML 2Page - Microsemi Corporation A2F200M3F-FGG208 Datasheet HTML 3Page - Microsemi Corporation A2F200M3F-FGG208 Datasheet HTML 4Page - Microsemi Corporation A2F200M3F-FGG208 Datasheet HTML 5Page - Microsemi Corporation A2F200M3F-FGG208 Datasheet HTML 6Page - Microsemi Corporation A2F200M3F-FGG208 Datasheet HTML 7Page - Microsemi Corporation A2F200M3F-FGG208 Datasheet HTML 8Page - Microsemi Corporation A2F200M3F-FGG208 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 192 page
background image
January 2013
I
© 2013 Microsemi Corporation
SmartFusion Customizable System-on-Chip (cSoC)
Microcontroller Subsystem (MSS)
Hard 100 MHz 32-Bit ARM® Cortex™-M3
– 1.25 DMIPS/MHz Throughput from Zero Wait State
Memory
– Memory Protection Unit (MPU)
– Single Cycle Multiplication, Hardware Divide
– JTAG Debug (4 wires), Serial Wire Debug (SWD, 2
wires), and Single Wire Viewer (SWV) Interfaces
Internal Memory
– Embedded Nonvolatile Flash Memory (eNVM), 128
Kbytes to 512 Kbytes
– Embedded High-Speed SRAM (eSRAM), 16 Kbytes
to 64 Kbytes, Implemented in 2 Physical Blocks to
Enable Simultaneous Access from 2 Different
Masters
Multi-Layer AHB Communications Matrix
– Provides up to 16 Gbps of On-Chip Memory
Bandwidth,1 Allowing Multi-Master Schemes
10/100 Ethernet MAC with RMII Interface2
Programmable External Memory Controller, Which
Supports:
– Asynchronous Memories
– NOR Flash, SRAM, PSRAM
– Synchronous SRAMs
•Two I2C Peripherals
Two 16550 Compatible UARTs
Two SPI Peripherals
Two 32-Bit Timers
32-Bit Watchdog Timer
8-Channel DMA Controller to Offload the Cortex-M3
from Data Transactions
Clock Sources
– 32 KHz to 20 MHz Main Oscillator
– Battery-Backed 32 KHz Low Power Oscillator with
Real-Time Counter (RTC)
– 100 MHz Embedded RC Oscillator; 1% Accurate
– Embedded Analog PLL with 4 Output Phases (0, 90,
180, 270)
High-Performance FPGA
Based on proven ProASIC®3 FPGA Fabric
Low Power, Firm-Error Immune 130-nm, 7-Layer Metal,
Flash-Based CMOS Process
Nonvolatile, Instant On, Retains Program When
Powered Off
350 MHz System Performance
Embedded SRAMs and FIFOs
– Variable Aspect Ratio 4,608-Bit SRAM Blocks
– x1, x2, x4, x9, and x18 Organizations
– True Dual-Port SRAM (excluding x18)
– Programmable Embedded FIFO Control Logic
Secure ISP with 128-Bit AES via JTAG
FlashLock® to Secure FPGA Contents
Five Clock Conditioning Circuits (CCCs) with up to 2
Integrated Analog PLLs
– Phase Shift, Multiply/Divide, and Delay Capabilities
– Frequency: Input 1.5–350 MHz, Output 0.75 to
350 MHz
Programmable Analog
Analog Front-End (AFE)
Up to Three 12-Bit SAR ADCs
– 500 Ksps in 12-Bit Mode
– 550 Ksps in 10-Bit Mode
– 600 Ksps in 8-Bit Mode
Internal 2.56 V Reference or Optional External
Reference
One First-Order
 DAC (sigma-delta) per ADC
– 8-Bit, 16-Bit, or 24-Bit 500 Ksps Update Rate
Up to 5 High-Performance Analog Signal Conditioning
Blocks (SCB) per Device, Each Including:
– Two High-Voltage Bipolar Voltage Monitors (with 4
input ranges from ±2.5 V to –11.5/+14 V) with 1%
Accuracy
– High Gain Current Monitor, Differential Gain = 50, up
to 14 V Common Mode
– Temperature Monitor (Resolution = ¼°C in 12-Bit
Mode; Accurate from –55°C to 150°C)
Up
to
Ten
High-Speed
Voltage
Comparators
(tpd =15ns)
Analog Compute Engine (ACE)
Offloads
Cortex-M3–Based
MSS
from
Analog
Initialization and Processing of ADC, DAC, and SCBs
Sample Sequence Engine for ADC and DAC Parameter
Set-Up
Post-Processing Engine for Functions such as Low-
Pass Filtering and Linear Transformation
Easily Configured via GUI in Libero® System-on-Chip
(SoC) Software
I/Os and Operating Voltage
FPGA I/Os
– LVDS, PCI, PCI-X, up to 24 mA IOH/IOL
– Up to 350 MHz
MSS I/Os
– Schmitt Trigger, up to 6 mA IOH, 8 mA IOL
– Up to 180 MHz
Single 3.3 V Power Supply with On-Chip 1.5 V Regulator
External 1.5 V Is Allowed by Bypassing Regulator
(digital VCC = 1.5 V for FPGA and MSS, analog VCC =
3.3 V and 1.5 V)
1 Theoretical maximum
2 A2F200 and larger devices
Revision 10


Similar Part No. - A2F200M3F-FGG208

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F200M3F-FGG484 MICROSEMI-A2F200M3F-FGG484 Datasheet
9Mb / 182P
   Internal Memory, Multi-Layer AHB Communications Matrix
A2F200M3F-FGG484 MICROSEMI-A2F200M3F-FGG484 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - A2F200M3F-FGG208

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F500M3G-1FGG484 MICROSEMI-A2F500M3G-1FGG484 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-CSG288 MICROSEMI-A2F500M3G-CSG288 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-FGG256I MICROSEMI-A2F500M3G-FGG256I Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com