Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2531 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # HCPL2531
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2531 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button HCPL2531 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 10Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 11Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
10
Ordering Information
Marking Information
Option
Example Part Number
Description
S
6N135S
Surface Mount Lead Bend
SD
6N135SD
Surface Mount; Tape and reel
W
6N135W
0.4" Lead Spacing
V
6N135V
VDE0884
WV
6N135WV
VDE0884; 0.4” lead spacing
SV
6N135SV
VDE0884; surface mount
SDV
6N135SDV
VDE0884; surface mount; tape and reel
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE option –
See order entry table)
4Two digit year code, e.g., ‘03’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
2503
T1
YY
XX
V


Similar Part No. - HCPL2531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCPL2531 TI-HCPL2531 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL2531 FAIRCHILD-HCPL2531 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2531 FAIRCHILD-HCPL2531 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2531M FAIRCHILD-HCPL2531M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
HCPL2531M FAIRCHILD-HCPL2531M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
More results

Similar Description - HCPL2531

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com