Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1754ACPZ-0.75R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1754ACPZ-0.75R7
Description  1.2 A, Low VIN, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1754ACPZ-0.75R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1754ACPZ-0.75R7 Datasheet HTML 2Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 3Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 4Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 5Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 6Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 7Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 8Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 9Page - Analog Devices ADP1754ACPZ-0.75R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP1754/ADP1755
Data Sheet
Rev. E | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VIN
2
VIN
3
VIN
4
EN
11 VOUT
12 VOUT
10 VOUT
9
SENSE
TOP VIEW
(Not to Scale)
ADP1754
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO GND
INSIDE THE PACKAGE. IT IS RECOMMENDED THAT THE EXPOSED PAD
BE CONNECTED TO THE GROUND PLANE ON THE BOARD.
PIN 1
INDICATOR
1
VIN
2
VIN
3
VIN
4
EN
11 VOUT
12 VOUT
10 VOUT
9
ADJ
TOP VIEW
(Not to Scale)
ADP1755
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO GND
INSIDE THE PACKAGE. IT IS RECOMMENDED THAT THE EXPOSED PAD
BE CONNECTED TO THE GROUND PLANE ON THE BOARD.
Figure 3. ADP1754 Pin Configuration
Figure 4. ADP1755 Pin Configuration
Table 5. Pin Function Descriptions
ADP1754
Pin No.
ADP1755
Pin No.
Mnemonic
Description
1, 2, 3, 15,
16
1, 2, 3, 15,
16
VIN
Regulator Input Supply. Bypass VIN to GND with a 4.7 µF or greater capacitor. Note that all five
VIN pins must be connected to the source.
4
4
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the regulator. For
automatic startup, connect EN to VIN.
5
5
PG
Power Good. This open-drain output requires an external pull-up resistor to VIN. If the part is in
shutdown mode, current-limit mode, thermal shutdown, or if it falls below 90% of the nominal
output voltage, PG immediately transitions low.
6
6
GND
Ground.
7
7
SS
Soft Start. A capacitor connected to this pin determines the soft start time.
8
8
NC
Not Connected. No internal connection.
9
N/A
SENSE
Sense. This pin measures the actual output voltage at the load and feeds it to the error
amplifier. Connect SENSE as close as possible to the load to minimize the effect of IR drop
between the regulator output and the load.
N/A
9
ADJ
Adjust. A resistor divider from VOUT to ADJ sets the output voltage.
10, 11, 12,
13, 14
10, 11, 12,
13, 14
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 4.7 µF or greater capacitor. Note that all
five VOUT pins must be connected to the load.
17 (EPAD)
17 (EPAD)
Exposed
paddle
(EPAD)
The exposed pad on the bottom of the LFCSP package enhances thermal performance and is
electrically connected to GND inside the package. It is recommended that the exposed pad be
connected to the ground plane on the board.


Similar Part No. - ADP1754ACPZ-0.75R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1754ACPZ-0.75R7 AD-ADP1754ACPZ-0.75R7 Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
More results

Similar Description - ADP1754ACPZ-0.75R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
   0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
   2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com