Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC9001 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MTC9001
Description  Dual Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MTC9001 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  MTC9001 Datasheet HTML 1Page - Fairchild Semiconductor MTC9001 Datasheet HTML 2Page - Fairchild Semiconductor MTC9001 Datasheet HTML 3Page - Fairchild Semiconductor MTC9001 Datasheet HTML 4Page - Fairchild Semiconductor MTC9001 Datasheet HTML 5Page - Fairchild Semiconductor MTC9001 Datasheet HTML 6Page - Fairchild Semiconductor MTC9001 Datasheet HTML 7Page - Fairchild Semiconductor MTC9001 Datasheet HTML 8Page - Fairchild Semiconductor MTC9001 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT9001 Rev. 1.0.7
6
Ordering Information
Marking Information
Option
Example Part Number
Description
No Option
MTC9001
Standard Through Hole
S
MTC9001S
Surface Mount Lead Bend
SD
MTC9001SD
Surface Mount; Tape and Reel
300
MTC9001300
VDE Approved
3S
MTC90013S
Surface Mount Lead Bend; VDE Approved
3SD
MTC90013SD
Surface Mount; Tape and Reel; VDE Approved
300W
MTC9001300W
0.4" Lead Spacing; VDE Approved
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4Two digit year code, e.g., ‘03’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
MCT9001
T1
YY
XX
V


Similar Part No. - MTC9001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MTC9001 FAIRCHILD-MTC9001 Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
MTC9001300 FAIRCHILD-MTC9001300 Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
MTC9001300W FAIRCHILD-MTC9001300W Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
MTC90013S FAIRCHILD-MTC90013S Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
MTC90013SD FAIRCHILD-MTC90013SD Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
More results

Similar Description - MTC9001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT6 FAIRCHILD-MCT6 Datasheet
511Kb / 8P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT9001 FAIRCHILD-MCT9001_04 Datasheet
512Kb / 8P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT6 FAIRCHILD-MCT6_06 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
logo
QT Optoelectronics
MCT6 QT-MCT6 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001 Datasheet
497Kb / 7P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT9001SD FAIRCHILD-MCT9001SD Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com