Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC205M Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # MOC205M
Description  Small Outline Optocouplers Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC205M Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button MOC205M Datasheet HTML 2Page - Fairchild Semiconductor MOC205M Datasheet HTML 3Page - Fairchild Semiconductor MOC205M Datasheet HTML 4Page - Fairchild Semiconductor MOC205M Datasheet HTML 5Page - Fairchild Semiconductor MOC205M Datasheet HTML 6Page - Fairchild Semiconductor MOC205M Datasheet HTML 7Page - Fairchild Semiconductor MOC205M Datasheet HTML 8Page - Fairchild Semiconductor MOC205M Datasheet HTML 9Page - Fairchild Semiconductor MOC205M Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC205M, MOC206M, MOC207M Rev. 1.0.2
9
Reflow Profile
Profile Freature
Pb-Free Assembly Profile
Temperature Minimum (Tsmin)
150°C
Temperature Maximum (Tsmax)
200°C
Time (tS) from (Tsmin to Tsmax)
60–120 seconds
Ramp-up Rate (tL to tP)
3°C/second maximum
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60–150 seconds
Peak Body Package Temperature
260°C +0°C / –5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second maximum
Time 25°C to Peak Temperature
8 minutes maximum
Time (seconds)
Time 25°C to Peak
260
240
220
200
180
160
140
120
100
80
60
40
20
0
TL
ts
tL
tP
TP
Tsmax
Tsmin
120
Preheat Area
Max. Ramp-up Rate = 3°C/S
Max. Ramp-down Rate = 6°C/S
240
360


Similar Part No. - MOC205M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC205M FAIRCHILD-MOC205M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
More results

Similar Description - MOC205M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC211-M FAIRCHILD-MOC211-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC211 FAIRCHILD-MOC211 Datasheet
499Kb / 9P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC207R1M FAIRCHILD-MOC207R1M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC207R2M FAIRCHILD-MOC207R2M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
   SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
   Small Outline Optocouplers Darlington Output
MOC213R2M FAIRCHILD-MOC213R2M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC212M FAIRCHILD-MOC212M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com