Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC90013SD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MTC90013SD
Description  Dual Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MTC90013SD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MTC90013SD Datasheet HTML 1Page - Fairchild Semiconductor MTC90013SD Datasheet HTML 2Page - Fairchild Semiconductor MTC90013SD Datasheet HTML 3Page - Fairchild Semiconductor MTC90013SD Datasheet HTML 4Page - Fairchild Semiconductor MTC90013SD Datasheet HTML 5Page - Fairchild Semiconductor MTC90013SD Datasheet HTML 6Page - Fairchild Semiconductor MTC90013SD Datasheet HTML 7Page - Fairchild Semiconductor MTC90013SD Datasheet HTML 8Page - Fairchild Semiconductor MTC90013SD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT9001 Rev. 1.0.7
3
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
*All typicals at TA = 25°C
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10mA
1.0
1.3
V
IR
Reverse Current
VR = 5V
10
µA
CJ
Junction Capacitance
VF = 0 V, f = 1MHz
50
pF
DETECTOR
BVCEO
Collector-Emitter Breakdown Voltage
IC = 0.5mA, IF = 0
55
V
BVECO
Emitter-Collector Breakdown Voltage
IE = 100µA, IF = 0
7
V
ICEO
Collector-Emitter Dark Current
VCE = 24V, IF = 0
5
100
nA
VCE = 24V, TA = 85°C
50
µA
CCE
Capacitance
VCE = 0V, f = 1MHz
8
pF
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Units
SWITCHING TIMES (AC)
Non-Saturated
ton
Turn-on Time
RL = 100Ω, IC = 2mA, VCC = 10V
3
µs
toff
Turn-off Time
3
µs
tr
Rise Time
2.4
µs
tf
Fall Time
2.4
µs
Saturated
ton
Turn-on Time
IF = 16mA, RL = 1.9kΩ, VCE = 5V
2.4
µs
toff
Turn-off Time
25.0
µs
DC CHARACTERISTICS
CTR
Current Transfer Ratio,
Collector-Emitter
IF = 5mA, VCE = 5V
50
600
%
CTR(sat)
IF = 8mA, VCE = 0.4V
30
%
VCE(sat)
Saturation Voltage
IF = 8mA, IC = 2.4mA
0.40
V
Symbol
Characteristic
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation Voltage
II-O ≤ 10µA, t = 1min.
5000
Vac(rms)
RISO
Isolation Resistance
VI-O = 500VDC
1011
CISO
Isolation Capacitance
f = 1MHz
0.5
pF


Similar Part No. - MTC90013SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MTC90013SD FAIRCHILD-MTC90013SD Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
More results

Similar Description - MTC90013SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT6 FAIRCHILD-MCT6 Datasheet
511Kb / 8P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT9001 FAIRCHILD-MCT9001_04 Datasheet
512Kb / 8P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT6 FAIRCHILD-MCT6_06 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
logo
QT Optoelectronics
MCT6 QT-MCT6 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001 Datasheet
497Kb / 7P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT9001SD FAIRCHILD-MCT9001SD Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com