Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT41GR7AFR4A Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT41GR7AFR4A
Description  DDR3L SDRAM Registered DIMM Based on 4Gb A-die
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GR7AFR4A Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT41GR7AFR4A Datasheet HTML 7Page - Hynix Semiconductor HMT41GR7AFR4A Datasheet HTML 8Page - Hynix Semiconductor HMT41GR7AFR4A Datasheet HTML 9Page - Hynix Semiconductor HMT41GR7AFR4A Datasheet HTML 10Page - Hynix Semiconductor HMT41GR7AFR4A Datasheet HTML 11Page - Hynix Semiconductor HMT41GR7AFR4A Datasheet HTML 12Page - Hynix Semiconductor HMT41GR7AFR4A Datasheet HTML 13Page - Hynix Semiconductor HMT41GR7AFR4A Datasheet HTML 14Page - Hynix Semiconductor HMT41GR7AFR4A Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Rev. 0.1 / Jul. 2012
11
On DIMM Thermal Sensor
The DDR3 SDRAM DIMM temperature is monitored by integrated thermal sensor. The integrated thermal
sensor comply with JEDEC “TSE2002av, Serial Presence Detect with Temperature Sensor”.
Connection of Thermal Sensor
Temperature-to-Digital Conversion Performance
Parameter
Condition
Min
Typ
Max
Unit
Temperature Sensor Accuracy (Grade B)
Active Range,
75°C < TA < 95°C
-
± 0.5
± 1.0
°C
Monitor Range,
40°C < TA < 125°C
-
± 1.0
± 2.0
°C
-20°C < TA < 125°C
-
± 2.0
± 3.0
°C
Resolution
0.25
°C
EVENT
SCL
SDA
SA0
SA1
SA2
EVENT
SCL
SDA
SA0
SA1
SA2
SPD with
Integrated
TS


Similar Part No. - HMT41GR7AFR4A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GR7AFR4C HYNIX-HMT41GR7AFR4C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR4C-H9 HYNIX-HMT41GR7AFR4C-H9 Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR4C-PB HYNIX-HMT41GR7AFR4C-PB Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR4C-RD HYNIX-HMT41GR7AFR4C-RD Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
More results

Similar Description - HMT41GR7AFR4A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451R7MFR8A HYNIX-HMT451R7MFR8A Datasheet
1Mb / 71P
   DDR3L SDRAM Registered DIMM Based on 4Gb M-die
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT325R7CFR8A HYNIX-HMT325R7CFR8A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT325R7EFR8A HYNIX-HMT325R7EFR8A Datasheet
1Mb / 70P
   DDR3L SDRAM Registered DIMM Based on 2Gb E-die
HMT84GL7MMR4A HYNIX-HMT84GL7MMR4A Datasheet
541Kb / 34P
   DDR3L SDRAM Load Reduced DIMM Based on 4Gb M-die
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com