Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT41GR7AFR4C-H9 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HMT41GR7AFR4C-H9
Description  DDR3 SDRAM Registered DIMM Based on 4Gb A-die
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GR7AFR4C-H9 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HMT41GR7AFR4C-H9 Datasheet HTML 1Page - Hynix Semiconductor HMT41GR7AFR4C-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT41GR7AFR4C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT41GR7AFR4C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT41GR7AFR4C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT41GR7AFR4C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT41GR7AFR4C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT41GR7AFR4C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT41GR7AFR4C-H9 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
Rev. 0.1 / Jul. 2012
4
Key Parameters
*SK hynix DRAM devices support optional downbinning to CL11, CL9 and CL7. SPD setting is programmed to match.
Speed Grade
Address Table
MT/s
Grade
tCK
(ns)
CAS
Latency
(tCK)
tRCD
(ns)
tRP
(ns)
tRAS
(ns)
tRC
(ns)
CL-tRCD-tRP
DDR3-1066
-G7
1.875
7
13.125
13.125
37.5
50.625
7-7-7
DDR3-1333
-H9
1.5
9
13.5
(13.125)*
13.5
(13.125)*
36
49.5
(49.125)*
9-9-9
DDR3-1600
-PB
1.25
11
13.75
(13.125)*
13.75
(13.125)*
35
48.75
(48.125)*
11-11-11
DDR3-1866
-Rd
1.07
13
13.91
(13.125)*
13.91
(13.125)*
34
47.91
(48.125)*
13-13-13
Grade
Frequency [MHz]
Remark
CL6
CL7
CL8
CL9
CL10
CL11
CL12
CL13
-G7
800
1066
1066
-H9
800
1066
1066
1333
1333
-PB
800
1066
1066
1333
1333
1600
-RD
800
1066
1066
1333
1333
1600
1866
4GB(1Rx8)
8GB(1Rx4)
8GB(2Rx8)
16GB(2Rx4)
32GB(4Rx4)
Refresh Method
8K/64ms
8K/64ms
8K/64ms
8K/64ms
8K/64ms
Row Address
A0-A15
A0-A15
A0-A15
A0-A15
A0-A15
Column Address
A0-A9
A0-A9,A11
A0-A9
A0-A9,A11
A0-A9,A11
Bank Address
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
Page Size
1KB
1KB
1KB
1KB
1KB


Similar Part No. - HMT41GR7AFR4C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GR7AFR4A HYNIX-HMT41GR7AFR4A Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR4A-H9 HYNIX-HMT41GR7AFR4A-H9 Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR4A-PB HYNIX-HMT41GR7AFR4A-PB Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
HMT41GR7AFR4A-RD HYNIX-HMT41GR7AFR4A-RD Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
More results

Similar Description - HMT41GR7AFR4C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451V7MFR8C HYNIX-HMT451V7MFR8C Datasheet
1Mb / 67P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb M-die
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8A HYNIX-HMT451R7AFR8A Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451R7MFR8A HYNIX-HMT451R7MFR8A Datasheet
1Mb / 71P
   DDR3L SDRAM Registered DIMM Based on 4Gb M-die
HMTA8GL7AHR4A HYNIX-HMTA8GL7AHR4A Datasheet
555Kb / 35P
   DDR3(L) SDRAM Load Reduced DIMM Based on 4Gb A-die
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
HMT84GL7AMR4A HYNIX-HMT84GL7AMR4A Datasheet
812Kb / 36P
   DDR3(L) SDRAM Load Reduced DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com