Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2581AL2-A Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS2581AL2-A
Description  LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2581AL2-A Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS2581AL2-A Datasheet HTML 5Page - California Eastern Labs PS2581AL2-A Datasheet HTML 6Page - California Eastern Labs PS2581AL2-A Datasheet HTML 7Page - California Eastern Labs PS2581AL2-A Datasheet HTML 8Page - California Eastern Labs PS2581AL2-A Datasheet HTML 9Page - California Eastern Labs PS2581AL2-A Datasheet HTML 10Page - California Eastern Labs PS2581AL2-A Datasheet HTML 11Page - California Eastern Labs PS2581AL2-A Datasheet HTML 12Page - California Eastern Labs PS2581AL2-A Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet PN10223EJ07V0DS
11
PS2581AL1,PS2581AL2
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT
Parameter
Symbol
Spec.
Unit
Climatic test class (IEC 60068-1/DIN EN 60068-1)
55/100/21
Dielectric strength
maximum operating isolation voltage
Test voltage (partial discharge test, procedure a for type test and random test)
Upr = 1.5
UIORM, Pd
5 pC
UIORM
Upr
1 130
1 695
Vpeak
Vpeak
Test voltage (partial discharge test, procedure b for all devices)
Upr = 1.875
UIORM, Pd
5 pC
Upr
1 669
Vpeak
Highest permissible overvoltage
UTR
8 000
Vpeak
Degree of pollution (DIN EN 60664-1 VDE0110 Part 1)
2
Comparative tracking index (IEC 60112/DIN EN 60112 (VDE 0303 Part 11))
CTI
175
Material group (DIN EN 60664-1 VDE0110 Part 1)
III a
Storage temperature range
Tstg
–55 to +150
°C
Operating temperature range
TA
–55 to +100
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25 C
VIO = 500 V dc at TA MAX. at least 100 C
Ris MIN.
Ris MIN.
10
12
10
11
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
VIO = 500 V dc at TA = Tsi
Tsi
Isi
Psi
Ris MIN.
175
400
700
10
9
C
mA
mW
<R>


Similar Part No. - PS2581AL2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2581AL2-E3 RENESAS-PS2581AL2-E3 Datasheet
258Kb / 15P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2581AL2-E4 RENESAS-PS2581AL2-E4 Datasheet
258Kb / 15P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results

Similar Description - PS2581AL2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2581AL1 ETC1-PS2581AL1 Datasheet
361Kb / 11P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
398Kb / 11P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
NEC
PS2581L1 NEC-PS2581L1 Datasheet
108Kb / 12P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581-1 CEL-PS2581-1 Datasheet
270Kb / 14P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Everlight Electronics C...
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
California Eastern Labs
PS2653 CEL-PS2653 Datasheet
125Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2651 CEL-PS2651 Datasheet
128Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
logo
NEC
PS2651 NEC-PS2651 Datasheet
124Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com