Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-0630LR-2R2 Datasheet(PDF) 6 Page - Abracon Corporation

Part # ASPI-0630LR-2R2
Description  High saturation current. Low loss due to low DC resistance.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0630LR-2R2 Datasheet(HTML) 6 Page - Abracon Corporation

  ASPI-0630LR-2R2 Datasheet HTML 1Page - Abracon Corporation ASPI-0630LR-2R2 Datasheet HTML 2Page - Abracon Corporation ASPI-0630LR-2R2 Datasheet HTML 3Page - Abracon Corporation ASPI-0630LR-2R2 Datasheet HTML 4Page - Abracon Corporation ASPI-0630LR-2R2 Datasheet HTML 5Page - Abracon Corporation ASPI-0630LR-2R2 Datasheet HTML 6Page - Abracon Corporation ASPI-0630LR-2R2 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Molding Type Power Inductor
|| | | | | | | | | | | | | |
ASPI-0630LR
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
7.2 x 6.65 x 3.0 mm
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.17.11
Visit www.abracon.com for Terms & Conditions of Sale
RVES
PART NUMBER IDENTIFICATION
OUTLINE DRAWING:
Dimension: mm
Recommended Land Pattern
A
A'
B
B'
L
W
H max
1.6 ±0.4
2.0 ±0.1
3.0 ±0.3
3.4 ±0.2
7.2 ±0.3
6.65 ±0.2
3.0
A
B
C
8.4
3.7
3.4
ASPI-0630LR-
-
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T15: Tape and Reel (1.5kpcs /
reel)
Tolerance
M: ±20%


Similar Part No. - ASPI-0630LR-2R2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0630HI ABRACON-ASPI-0630HI Datasheet
2Mb / 5P
   Molding Type Power Inductor
11.17.11
ASPI-0630HI-100 ABRACON-ASPI-0630HI-100 Datasheet
2Mb / 5P
   Molding Type Power Inductor
11.17.11
ASPI-0630HI-1R0 ABRACON-ASPI-0630HI-1R0 Datasheet
2Mb / 5P
   Molding Type Power Inductor
11.17.11
ASPI-0630HI-1R5 ABRACON-ASPI-0630HI-1R5 Datasheet
2Mb / 5P
   Molding Type Power Inductor
11.17.11
ASPI-0630HI-2R2 ABRACON-ASPI-0630HI-2R2 Datasheet
2Mb / 5P
   Molding Type Power Inductor
11.17.11
More results

Similar Description - ASPI-0630LR-2R2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18SG260TN1 MURATA1-BLM18SG260TN1_V01 Datasheet
281Kb / 3P
   Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG121TN1 MURATA1-BLM18SG121TN1_V01 Datasheet
284Kb / 3P
   Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG330SN1 MURATA1-BLM18SG330SN1_V01 Datasheet
276Kb / 3P
   Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG700TN1 MURATA1-BLM18SG700TN1_V01 Datasheet
280Kb / 3P
   Low DC Resistance/Large Rated Current
BLM18SD220SN1 MURATA1-BLM18SD220SN1_V01 Datasheet
279Kb / 3P
   Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG121TZ1 MURATA1-BLM18SG121TZ1_V01 Datasheet
285Kb / 3P
   Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG221TN1 MURATA1-BLM18SG221TN1_V01 Datasheet
281Kb / 3P
   Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG221TZ1 MURATA1-BLM18SG221TZ1_V01 Datasheet
282Kb / 3P
   Low DC Resistance/Large Rated Current.
Last updated07/11/2022
BLM18SG260TZ1 MURATA1-BLM18SG260TZ1_V01 Datasheet
282Kb / 3P
   Low DC Resistance/Large Rated Current.
Last updated07/11/2022
BLM18SG331TZ1 MURATA1-BLM18SG331TZ1_V01 Datasheet
286Kb / 3P
   Low DC Resistance/Large Rated Current
Last updated07/11/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com