Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9306L-V Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS9306L-V
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9306L-V Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS9306L-V Datasheet HTML 7Page - California Eastern Labs PS9306L-V Datasheet HTML 8Page - California Eastern Labs PS9306L-V Datasheet HTML 9Page - California Eastern Labs PS9306L-V Datasheet HTML 10Page - California Eastern Labs PS9306L-V Datasheet HTML 11Page - California Eastern Labs PS9306L-V Datasheet HTML 12Page - California Eastern Labs PS9306L-V Datasheet HTML 13Page - California Eastern Labs PS9306L-V Datasheet HTML 14Page - California Eastern Labs PS9306L-V Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PS9306L,PS9306L2
Chapter Title
9
1
f
o
1
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
7
1
0
0
S
D
8
0
R
Nov 10, 2011
VCC = 30 V,
VO = OPEN
3
2.5
2
1.5
1
0.5
0
–25
25
50
75
125
100
–50
0
ICCL (IF = 0 mA)
ICCH (IF = 10 mA)
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–25
25
50
75
125
100
–50
0
VCC = 30 V,
IF = 0 mA,
VOL = 2.5 V
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 30 V,
IF = 10 mA,
(VCC – VOH) = 4 V
–25
25
50
75
125
100
–50
0
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
Ambient Temperature TA (°C)
LOW LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
High Level Output Current IOH (A)
Ambient Temperature TA (°C)
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
HIGH LEVEL OUTPUT VOLTAGE – SUPPLY
VOLTAGE vs. HIGH LEVEL OUTPUT CURRENT
0
0.1
0.2
0.3
0.4
0.5
0.6
–25
25
50
75
125
100
–50
0
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 30 V,
IF = 0 mA,
IO = 100 mA
VCC = 30 V,
IF = 10 mA
VCC = 30 V,
IF = 0 mA
0
–1
–2
–3
–4
–5
0
0.1
0.2
0.3
0.4
0.5
0.6
4
3
2
1
0
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9306L-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L-V RENESAS-PS9306L-V Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L-V RENESAS-PS9306L-V Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L-V-E3 RENESAS-PS9306L-V-E3 Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L-V-E3 RENESAS-PS9306L-V-E3 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9306L-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL Datasheet
249Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Dec 16, 2021
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L Datasheet
288Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L_15 Datasheet
281Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com