Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN61000-3-2 Datasheet(PDF) 4 Page - General Semiconductor

Part # EN61000-3-2
Description  CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

EN61000-3-2 Datasheet(HTML) 4 Page - General Semiconductor

  EN61000-3-2 Datasheet HTML 1Page - General Semiconductor EN61000-3-2 Datasheet HTML 2Page - General Semiconductor EN61000-3-2 Datasheet HTML 3Page - General Semiconductor EN61000-3-2 Datasheet HTML 4Page - General Semiconductor EN61000-3-2 Datasheet HTML 5Page - General Semiconductor EN61000-3-2 Datasheet HTML 6Page - General Semiconductor EN61000-3-2 Datasheet HTML 7Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GE Energy
CAR2512FP series rectifier
Input: 90Vac to 264Vac; Output: 12 Vdc @ 208A; 3.3Vdc or 5 Vdc @ 1A
July 18, 2012
©2012 General Electric Company. All rights reserved.
Page 4
EMC
Parameter
Criteria
Standard
Level
Test
AC input
Conducted emissions
EN55022, FCC Docket 20780 part 15, subpart J
EN61000-3-2
A*
0.15 – 30MHz
0 – 2 KHz
Radiated emissions
EN55022
A*
30 – 10000MHz
Voltage dips
EN61000-4-11
A
-30%, 10ms
B
-60%, 100ms
B
-100%, 5sec
Voltage surge
EN61000-4-5
A
4kV, 1.2/50µs, common mode
A
2kV, 1.2/50µs, differential mode
immunity
Fast transients
EN61000-4-4
B
5/50ns, 2kV (common mode)
Enclosure immunity
Conducted RF fields
EN61000-4-6
A
130dBµV, 0.15-80MHz, 80% AM
Radiated RF fields
EN61000-4-3
A
10V/m, 80-1000MHz, 80% AM
ENV 50140
A
ESD
EN61000-4-2
B
4kV contact, 8kV air
* Note: Contact the factory for a recommended external EMI filter to meet Class B emissions
Status and Control
Some functions have two means of monitor/control; A signal
level that represents the analog value being measured or
controlled, or, reading/writing via the i2C port the measured
value or the control command.
Unless otherwise noted, control via the signals pins is ‘active’
so long that a firmware based command is not initiated.
Once firmware initiates a command that is also represented
on a signal pin, the firmware takes over and replaces the
hardware based control signal. Firmware control is
maintained until bias power to the processor is interrupted.
Once bias power is removed the processor resets and the
analog signal pin control is ‘active’ until firmware takes over
control.
Details of analog controls are provided in this data sheet
under Signal Definitions. GE Energy will provide separate
application notes on the I2C protocol. Contact your local GE
Energy representative for details.
Signal Definitions
All signals and outputs are referenced to Output return.
These include ‘Vstb return’ and ‘Signal return’.
Input Signals
Voltage programming (Vprog): An analog voltage on this
signal can vary the output voltage ± 10% from 10.8Vdc to
13.2Vdc. The equation of this signal is:
Vout = 10.8 + (Vprog * 0.96) 0 < Vprog < 2.5
If 2.5 < Vprog < 3, the output is 13.2V. If Vprog is > 3V or left
open the programming signal is ignored and the unit output
is set at the setpoint of 12Vdc.
Load share (Ishare): This is a single wire analog signal that is
generated and acted upon automatically by power supplies
connected in parallel. The Ishare pins should be tied
together for power supplies if active current share among
the power supplies is desired. No resistors or capacitors
should get connected to this pin.
Remote ON/OFF: Controls the presence of the main 12Vdc
output voltage. This is an open collector, TTL level control
signal. This signal needs to be pulled HI externally through a
resistor. Maximum collector voltage is 12Vdc and the
maximum sink current is 1mA. A Logic 1 (TTL HI level) turns
ON the 12Vdc output, while a Logic 0 (TTL LO level) turns OFF
the 12Vdc output.
A turn OFF command either through this signal (Remote
ON/OFF) or firmware commanded would turn OFF the 12V
output.
Enable: This is a short signal pin that controls the presence
of the 12Vdc main output. This pin should be connected to
‘output return’ on the system side of the output connector.
The purpose of this pin is to ensure that the output turns ON
after engagement of the power blades and turns OFF prior
to disengagement of the power blades.
Write protect (WP): This signal protects the contents of the
EEPROM from accidental over writing. When left open the
EEPROM is write protected. A LO (TTL compatible) permits
writing to the EEPROM. This signal is pulled HI internally by
the power supply.


Similar Part No. - EN61000-3-2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN61000-3-2 VICOR-EN61000-3-2 Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
More results

Similar Description - EN61000-3-2

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
QSK033A0B41 LINEAGEPOWER-QSK033A0B41 Datasheet
405Kb / 15P
   36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com